Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100881001 Datasheet(PDF) 10 Page - MKS Instruments.

Part # 100881001
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100881001 Datasheet(HTML) 10 Page - MKS Instruments.

Back Button 100881001 Datasheet HTML 6Page - MKS Instruments. 100881001 Datasheet HTML 7Page - MKS Instruments. 100881001 Datasheet HTML 8Page - MKS Instruments. 100881001 Datasheet HTML 9Page - MKS Instruments. 100881001 Datasheet HTML 10Page - MKS Instruments. 100881001 Datasheet HTML 11Page - MKS Instruments. 100881001 Datasheet HTML 12Page - MKS Instruments. 100881001 Datasheet HTML 13Page - MKS Instruments. 100881001 Datasheet HTML 14Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
adapter, CF to vCr® Female*
in./(mm)
Flange Size
A
B
VCR Size
Part Number
1 1/3 to 4 VCR
2 1/8 to 4 VCR
2 1/8 to 8 VCR
2 1/8 to 12 VCR
2 3/4 to 4 VCR
2 3/4 to 8 VCR
2 3/4 to 12 VCR
3 3/8 to 4 VCR
3 3/8 to 8 VCR
3 3/8 to 12 VCR
1.43 (36)
1.50 (38)
1.69 (43)
2.19 (56)
1.50 (38)
1.69 (43)
2.19 (56)
1.80 (46)
1.88 (48)
2.38 (60)
.19 (5)
.19 (5)
.41 (10)
.62 (16)
.19 (5)
.41 (10)
.62 (16)
.19 (5)
.41 (10)
.62 (16)
1/4
1/4
1/2
3/4
1/4
1/2
3/4
1/4
1/2
3/4
100881049
100882032
100882033
100882036
100883054
100883057
100883058
100884033
100884035
100884037
• Thruholes
• VCR-compatiblepartsmaybeused
adapter, CF to vCr® male*
in./(mm)
Flange Size
A
B
VCR Size
Part Number
1 1/3 to 4 VCR
2 1/8 to 4 VCR
2 1/8 to 8 VCR
2 1/8 to 12 VCR
2 3/4 to 4 VCR
2 3/4 to 8 VCR
2 3/4 to 12 VCR
3 3/8 to 4 VCR
3 3/8 to 8 VCR
3 3/8 to 12 VCR
1.43 (36)
1.50 (38)
1.69 (43)
2.19 (56)
1.50 (38)
1.69 (43)
2.19 (56)
1.80 (46)
1.88 (48)
2.38 (60)
.19 (5)
.19 (5)
.41 (10)
.62 (16)
.19 (5)
.41 (10)
.62 (16)
.19 (5)
.41 (10)
.62 (16)
1/4
1/4
1/2
3/4
1/4
1/2
3/4
1/4
1/2
3/4
100881050
100882031
100882034
100882035
100883055
100883056
100883059
100884032
100884034
100884036
• Thruholes
• VCR-compatiblepartsmaybeused


Similar Part No. - 100881001

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
logo
Heyco.
10088 HEYCO-10088 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100881001

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com