Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100006292 Datasheet(PDF) 3 Page - MKS Instruments.

Part No. 100006292
Description  bUTTWELD fittings
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100006292 Datasheet(HTML) 3 Page - MKS Instruments.

  100006292 Datasheet HTML 1Page - MKS Instruments. 100006292 Datasheet HTML 2Page - MKS Instruments. 100006292 Datasheet HTML 3Page - MKS Instruments. 100006292 Datasheet HTML 4Page - MKS Instruments. 100006292 Datasheet HTML 5Page - MKS Instruments. 100006292 Datasheet HTML 6Page - MKS Instruments. 100006292 Datasheet HTML 7Page - MKS Instruments. 100006292 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ordering Information
90° Elbow
in.
oD
Wall
Thickness
A
Part number
0.50
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.065
.083
.083
0.75
1.13
1.52
2.25
3.00
3.75
4.50
6.00
6.00
9.00
1002390050
1002390075
1002390100
1002390150
1002390200
1002390250
1002390300
1002390401
1002390400
1002390600
OD
A
Add “MP” to the part number for mechanically polished fittings, e.g., 1002345WT100MP.
All elbows have an industry standard radius of 1.5 times the OD.
*Tangents are welded on.
90° Elbow with Tangents
in.
oD
Wall
Thickness
A
b
Part number
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.083
.083
1.42
2.06
2.94
4.06
5.19
6.31
8.31
8.31
12.60
0.29
0.56
0.69
1.06
1.44
1.81
2.31
2.31
3.60*
1002390WT075
1002390WT100
1002390WT150
1002390WT200
1002390WT250
1002390WT300
1002390WT401
1002390WT400
1002390WT600
A
B
B
OD
45° Elbow with Tangents
in.
oD
Wall
Thickness
A
b
Part number
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.083
.083
0.76
1.19
1.63
2.31
3.00
3.69
4.81
4.81
7.33
0.30
0.56
0.69
1.07
1.44
1.82
2.33
2.33
3.60
1002345WT075
1002345WT100
1002345WT150
1002345WT200
1002345WT250
1002345WT300
1002345WT401
1002345WT400
1002345WT600
A
OD
A
B
B
45° Elbow
in.
oD
Wall
Thickness
A
Part number
0.50
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.065
.083
.083
0.31
0.47
0.62
0.93
1.24
1.56
1.86
2.49
2.49
3.75
1002345050
1002345075
1002345100
1002345150
1002345200
1002345250
1002345300
1002345401
1002345400
1002345600
A
A
OD


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn