Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100006291 Datasheet(PDF) 3 Page - MKS Instruments.

Part No. 100006291
Description  bUTTWELD fittings
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100006291 Datasheet(HTML) 3 Page - MKS Instruments.

  100006291 Datasheet HTML 1Page - MKS Instruments. 100006291 Datasheet HTML 2Page - MKS Instruments. 100006291 Datasheet HTML 3Page - MKS Instruments. 100006291 Datasheet HTML 4Page - MKS Instruments. 100006291 Datasheet HTML 5Page - MKS Instruments. 100006291 Datasheet HTML 6Page - MKS Instruments. 100006291 Datasheet HTML 7Page - MKS Instruments. 100006291 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ordering Information
90° Elbow
in.
oD
Wall
Thickness
A
Part number
0.50
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.065
.083
.083
0.75
1.13
1.52
2.25
3.00
3.75
4.50
6.00
6.00
9.00
1002390050
1002390075
1002390100
1002390150
1002390200
1002390250
1002390300
1002390401
1002390400
1002390600
OD
A
Add “MP” to the part number for mechanically polished fittings, e.g., 1002345WT100MP.
All elbows have an industry standard radius of 1.5 times the OD.
*Tangents are welded on.
90° Elbow with Tangents
in.
oD
Wall
Thickness
A
b
Part number
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.083
.083
1.42
2.06
2.94
4.06
5.19
6.31
8.31
8.31
12.60
0.29
0.56
0.69
1.06
1.44
1.81
2.31
2.31
3.60*
1002390WT075
1002390WT100
1002390WT150
1002390WT200
1002390WT250
1002390WT300
1002390WT401
1002390WT400
1002390WT600
A
B
B
OD
45° Elbow with Tangents
in.
oD
Wall
Thickness
A
b
Part number
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.083
.083
0.76
1.19
1.63
2.31
3.00
3.69
4.81
4.81
7.33
0.30
0.56
0.69
1.07
1.44
1.82
2.33
2.33
3.60
1002345WT075
1002345WT100
1002345WT150
1002345WT200
1002345WT250
1002345WT300
1002345WT401
1002345WT400
1002345WT600
A
OD
A
B
B
45° Elbow
in.
oD
Wall
Thickness
A
Part number
0.50
0.75
1.00
1.50
2.00
2.50
3.00
4.00
4.00
6.00
.065
.065
.065
.065
.065
.065
.065
.065
.083
.083
0.31
0.47
0.62
0.93
1.24
1.56
1.86
2.49
2.49
3.75
1002345050
1002345075
1002345100
1002345150
1002345200
1002345250
1002345300
1002345401
1002345400
1002345600
A
A
OD


Similar Part No. - 100006291

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
1000060000 ETC2-1000060000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
1000061000 ETC2-1000061000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
MKS Instruments.
MKS Instruments.
100006734 MKS-100006734 Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
100006841 MKS-100006841 Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
100006842 MKS-100006842 Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
More results

Similar Description - 100006291

ManufacturerPart No.DatasheetDescription
Glenair, Inc.
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
TE Connectivity Ltd
TE Connectivity Ltd
85C TEC-85C Datasheet
218Kb / 5P
   Weldable and Threaded Process Fittings
Sensortechnics GmbH
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
MKS Instruments.
MKS Instruments.
88 MKS-88 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
Sensortechnics GmbH
Sensortechnics GmbH
24PC0035D2BE SENSORTECHNICS-24PC0035D2BE Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
Ralston Instruments.
Ralston Instruments.
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015 Datasheet
667Kb / 1P
   Connect to male Metric straight thread fittings
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015_19 Datasheet
630Kb / 1P
   Connect to male Metric straight thread fittings
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz