Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100006291 Datasheet(PDF) 2 Page - MKS Instruments.

Part No. 100006291
Description  bUTTWELD fittings
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100006291 Datasheet(HTML) 2 Page - MKS Instruments.

  100006291 Datasheet HTML 1Page - MKS Instruments. 100006291 Datasheet HTML 2Page - MKS Instruments. 100006291 Datasheet HTML 3Page - MKS Instruments. 100006291 Datasheet HTML 4Page - MKS Instruments. 100006291 Datasheet HTML 5Page - MKS Instruments. 100006291 Datasheet HTML 6Page - MKS Instruments. 100006291 Datasheet HTML 7Page - MKS Instruments. 100006291 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MKS Series 23 is a family of buttweld vacuum fittings
manufactured by MKS Instruments, Inc. They are designed
to be used in conjunction with the full line of ISO-Universal,
ISO-KF and CF UHV flanges, and are easily welded to
the flanges or each other during on-site installation. All
components are made of type 304 stainless steel and are
specifically prepared for use in high vacuum process or
UHV applications.
Applications
Vacuum buttweld fittings are designed to be used in any
vacuum applications where minimizing the number of
sealed joints is critical.
• Semiconductorwaferfabricationareasforremote
installations and below a raised floor
• Permanenthousevacuumlines
• Vacuumutilitylinesforvacuumfixtures
• Hightemperaturelines
• Burnboxexhaustlines
Component Construction
The Series 23 components are constructed of 304 or
304L welded, drawn, and annealed stainless steel tubing.
(316L is available on request.) For most vacuum process
applications, this provides the best combination of the
following critical features:
• Lowoutgassingundervacuum
• Chemicallyresistant
• Annealedforconsistentleakfreewelding
• Minimizedcorrosionconcentrationpoints
• Goodavailability
• Costconsistentwiththeaboverequirements
Each component is fabricated using pulled port and 100%
penetrationTIGweldtechniques.Allweldedcomponents
are leak free, carefully cleaned for high vacuum use and
then packaged to remain clean until the time of installation.
Installation
Series 23 fittings are designed to be welded using
techniques preferred for vacuum applications. These
techniques include internal (socket type) welding and
external buttwelding. The most commonly used type of
weldforhighvacuumapplicationsisaTIG(Tungsten
InertGas)fusionweld,preferablywithoutfillerrod.Forthe
best results, remove components from packaging in clean
conditions during installation. Handle the components with
clean gloves and equipment in the absence of any fibers,
fingerprint oils, or other greases. If these precautions
are taken, the weld is more likely to be leak free and the
integrity of the vacuum surface will remain intact and ready
for use.
Generalhintsforgoodvacuumweldsinclude:
1. Always start with clean and properly weld prepped
components.
2. For internal welds, minimize warping by using only
enough heat for 60-75% penetration.
3. For external buttwelds, make sure they are 100%
penetration with no internal cracks or crevices.
4. Do not weld internally then externally around the entire
circumference of the fittings.
5. Make sure there is little or no gap between pieces to be
welded.
6. Ensure that all surfaces affected by the heat of the weld,
especially the vacuum side, are purged properly with
inert gas.
FormoredetailsonTIGandothervacuumjoining
methods, contact MKS in Boulder, CO.
CAD Drawings
CAD drawings for the Series 23 buttweld line can be
downloaded from our website at: https://www.mksinst.com/
product/category.aspx?CategoryID=157. From there, select
the appropriate fitting and click to download the file. The
drawingsareavailablein*.DWGformatand*.DXFformat.
Ordering Information
To obtain delivery, technical, or applications
information, contact MKS at (800) 345-1967 (US only) or
(303) 449-9861. Or visit our website at www.mksinst.com.


Similar Part No. - 100006291

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
1000060000 ETC2-1000060000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
1000061000 ETC2-1000061000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
MKS Instruments.
MKS Instruments.
100006734 MKS-100006734 Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
100006841 MKS-100006841 Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
100006842 MKS-100006842 Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
More results

Similar Description - 100006291

ManufacturerPart No.DatasheetDescription
Glenair, Inc.
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
TE Connectivity Ltd
TE Connectivity Ltd
85C TEC-85C Datasheet
218Kb / 5P
   Weldable and Threaded Process Fittings
Sensortechnics GmbH
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
MKS Instruments.
MKS Instruments.
88 MKS-88 Datasheet
374Kb / 20P
   CF Component Ultra high vacuum fittings
Sensortechnics GmbH
Sensortechnics GmbH
24PC0035D2BE SENSORTECHNICS-24PC0035D2BE Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
Ralston Instruments.
Ralston Instruments.
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015 Datasheet
667Kb / 1P
   Connect to male Metric straight thread fittings
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015_19 Datasheet
630Kb / 1P
   Connect to male Metric straight thread fittings
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz