Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N333S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 4N333S
Description  GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N333S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  4N333S Datasheet HTML 1Page - Fairchild Semiconductor 4N333S Datasheet HTML 2Page - Fairchild Semiconductor 4N333S Datasheet HTML 3Page - Fairchild Semiconductor 4N333S Datasheet HTML 4Page - Fairchild Semiconductor 4N333S Datasheet HTML 5Page - Fairchild Semiconductor 4N333S Datasheet HTML 6Page - Fairchild Semiconductor 4N333S Datasheet HTML 7Page - Fairchild Semiconductor 4N333S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GENERAL PURPOSE 6-PIN
PHOTODARLINGTON OPTOCOUPLERS
4/25/00
200038B
4N29
4N30
4N31
4N32
4N33
Fig. 6 Turn-Off Time vs. Input Current
IF - LED INPUT CURRENT (mA)
0.1
1
10
100
1
10
100
1000
VCC = 10 V
RL = 100
RL = 1 k
RL = 10
Fig. 3 Collector Current vs. Collector-Emitter Voltage
VCE- COLLECTOR -EMITTER VOLTAGE (V)
0123456789
10
0
2
4
6
8
10
12
14
16
IF = 10 mA
IF = 5 mA
IF = 2 mA
IF = 1 mA
NORMALIZED TO:
IF = 1 mA
VCE = 5 V
Fig. 5 Turn-On Time vs. Input Current
IF - LED INPUT CURRENT (mA)
0.1
1
10
100
0.1
1
10
100
1000
RL = 100
RL = 1 k
RL = 10
VCC = 10 V
TA - AMBIENT TEMPERATURE (˚C)
Fig. 4 Dark Current vs. Ambient Temperature
0
20406080
100
0.01
0.1
1
10
100
1000
10000
VCE = 10 V
Fig. 1 Output Current vs. Input Current
IF - LED INPUT CURRENT (mA)
0.1
1
10
100
0.1
1
NORMALIZED TO:
CTR @ IF = 10 mA
TA = 25˚C
VCE = 5 V
TA = 0˚C, 25˚C
TA = 70˚C
TA = 100˚C
TA = -55˚C
TA - AMBIENT TEMPERATURE (˚C)
Fig. 2 Current Transfer Ratio vs. Ambient Temperature
-80
-60
-40
-20
0
20
40
60
80
100
120
0.1
1
10
NORMALIZED TO:
CTR @ IF = 10 mA
TA = 25˚C
VCE = 10 V


Similar Part No. - 4N333S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N33 MOTOROLA-4N33 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N33 VISHAY-4N33 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
4N33 VISHAY-4N33 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
logo
Everlight Electronics C...
4N33 EVERLIGHT-4N33 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
QT Optoelectronics
4N33 QT-4N33 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
More results

Similar Description - 4N333S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
4N29 QT-4N29 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com