Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7248QPWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS7248QPWRG4
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7248QPWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7248QPWRG4 Datasheet HTML 6Page - Texas Instruments TPS7248QPWRG4 Datasheet HTML 7Page - Texas Instruments TPS7248QPWRG4 Datasheet HTML 8Page - Texas Instruments TPS7248QPWRG4 Datasheet HTML 9Page - Texas Instruments TPS7248QPWRG4 Datasheet HTML 10Page - Texas Instruments TPS7248QPWRG4 Datasheet HTML 11Page - Texas Instruments TPS7248QPWRG4 Datasheet HTML 12Page - Texas Instruments TPS7248QPWRG4 Datasheet HTML 13Page - Texas Instruments TPS7248QPWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS7233Q electrical characteristics, IO = 10 mA, VI = 4.3 V, EN = 0 V, CO = 4.7 µF (CSR= 1 Ω), SENSE
shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS7233Q
UNIT
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Output voltage
VI = 4.3 V,
IO = 10 mA
25
°C
3.3
V
Output voltage
4.3 V
≤ VI ≤ 10 V,
5 mA
≤ IO ≤ 250 mA –40°C to 125°C
3.23
3.37
V
IO =10mA
VI = 3 23 V
25
°C
14
20
IO = 10 mA,
VI = 3.23 V
–40
°C to 125°C
30
Dropout voltage
IO = 100 mA
VI = 3 23 V
25
°C
140
180
mV
Dropout voltage
IO = 100 mA,
VI = 3.23 V
–40
°C to 125°C
232
mV
IO = 250 mA
VI = 3 23 V
25
°C
360
460
IO = 250 mA,
VI = 3.23 V
–40
°C to 125°C
610
Pass element series resistance
(3.23 V – VO)/IO,
VI = 3.23 V,
25
°C
1.5
1.84
Pass-element series resistance
(
O) O,
IO = 250 mA
I
,
–40
°C to 125°C
2.5
Input regulation
VI =4 3Vto10V
50
µA ≤ IO ≤ 250 mA
25
°C
8
25
mV
Input regulation
VI = 4.3 V to 10 V,
50
µA ≤ IO ≤ 250 mA
–40
°C to 125°C
33
mV
IO =5mAto250 mA
43 V
≤ VI ≤ 10 V
25
°C
32
42
Output regulation
IO = 5 mA to 250 mA,
4.3 V
≤ VI ≤ 10 V
–40
°C to 125°C
71
mV
Output regulation
IO =50 µA to 250 mA
43 V
≤ VI ≤ 10 V
25
°C
41
55
mV
IO = 50 µA to 250 mA, 4.3 V ≤ VI ≤ 10 V
–40
°C to 125°C
98
IO =50 µA
25
°C
40
52
Ripple rejection
f = 120 Hz
IO = 50 µA
–40
°C to 125°C
38
dB
Ripple rejection
f = 120 Hz
IO = 250 mA
25
°C
35
44
dB
IO = 250 mA
–40
°C to 125°C
33
Output noise spectral density
f = 120 Hz
25
°C
2
µV/√Hz
10 H
≤ f ≤ 100 kH
CO = 4.7 µF
25
°C
265
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR† = 1
CO = 10 µF
25
°C
212
µVrms
CSR† = 1
CO = 100 µF
25
°C
135
PG trip-threshold voltage
VO voltage decreasing from above VPG
–40
°C to 125°C
0.95
×
VO(nom)
V
PG hysteresis voltage
25
°C
32
mV
PG output low voltage
IPG =1 2mA
VI =2 8V
25
°C
0.22
0.4
V
PG output low voltage
IPG = 1.2 mA,
VI = 2.8 V
–40
°C to 125°C
0.4
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Similar Part No. - TPS7248QPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7248QPWRG4 TI-TPS7248QPWRG4 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results

Similar Description - TPS7248QPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com