Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N293S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 4N293S
Description  GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N293S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  4N293S Datasheet HTML 1Page - Fairchild Semiconductor 4N293S Datasheet HTML 2Page - Fairchild Semiconductor 4N293S Datasheet HTML 3Page - Fairchild Semiconductor 4N293S Datasheet HTML 4Page - Fairchild Semiconductor 4N293S Datasheet HTML 5Page - Fairchild Semiconductor 4N293S Datasheet HTML 6Page - Fairchild Semiconductor 4N293S Datasheet HTML 7Page - Fairchild Semiconductor 4N293S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GENERAL PURPOSE 6-PIN
PHOTODARLINGTON OPTOCOUPLERS
4/25/00
200038B
4N29
4N30
4N31
4N32
4N33
INPUT
OUTPUT
INPUT
90%
Test Circuit
Waveforms
PULSE WIDTH
V
CC = 10 V
I
C = 50 mA
I
F = 200 mA
R
L
10%
tr
ton
tf
toff
OUTPUT PULSE
INPUT PULSE
<1 ms
Fig. 7 Switching Time Test Circuit and Waveforms
TYPICAL ELECTRO-OPTICAL CHARACTERISTIC CURVES
(25°C Free air temperature unless otherwise specified) (Cont.)
Notes
* Indicates JEDEC registered data.
1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current with VCE @ 10 V.
2. Pulse test: pulse width = 300µs, duty cycle
2.0% .
3. For test circuit setup and waveforms, refer to figure 7..
4. IF adjusted to IC = 2.0 mA and IC = 0.7 mA rms.
5. The frequency at which IC is 3dB down from the 1 KHz value.
6. For this test, LED pins 1 and 2 are common, and phototransistor pins 4,5 and 6 are common.


Similar Part No. - 4N293S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N29 MOTOROLA-4N29 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
QT Optoelectronics
4N29 QT-4N29 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
4N29 TOSHIBA-4N29 Datasheet
301Kb / 6P
   TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
logo
Fairchild Semiconductor
4N29 FAIRCHILD-4N29 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
Everlight Electronics C...
4N29 EVERLIGHT-4N29 Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - 4N293S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
4N29 QT-4N29 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com