Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100882014 Datasheet(PDF) 19 Page - MKS Instruments.

Part No. 100882014
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MKS [MKS Instruments.]
Homepage  https://www.mksinst.com/
Logo 

100882014 Datasheet(HTML) 19 Page - MKS Instruments.

 
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Numerical Listing
100885528
45° Elbow, 4 5/8''
100885529
90° Elbow, 4 5/8''
100885531
Half Nipple, 4 5/8'', 3.00''
100885532
Full Nipple 4 5/8'', 3.00''
100889020
Viton Seal, Beveled Edge (5), 1 1/3''
100889021
Viton Seal, Beveled Edge (5), 2 1/8''
100889022
Viton Seal, Beveled Edge (5), 2 3/4''
100889023
Viton Seal, Beveled Edge (5), 3 3/8''
100889024
Viton Seal, Beveled Edge (5), 4 1/2''
100889025
Viton Seal, Beveled Edge (5), 4 5/8''
100889029
Bolt Set, Tapped, 8-32x0.56, 1 1/3''
100889030
Bolt Set, Tapped, 8-32x0.62, 1 1/3''
100889031
Bolt Set, Tapped, 8-32x0.75, 1 1/3''
100889032
Bolt Set, Tapped, 8-32x0.50, 1 1/3''
100889033
Bolt Set, Tapped, 1/4-28x1.00, 2 1/8'', 2 3/4''
100889035
Bolt Set, Tapped, 5/16-24x1.25, 3 3/8'', 4 1/2'', 4 5/8''
100889042
Dodecagon Bolt/Nut/Washer Set, Tapped,
1/4-28x1.00, 2 1/8'', 2 3/4''
100889044
Dodecagon Bolt/Nut/Washer Set, Tapped,
5/16-24x1.75, 3 3/8'', 4 1/2'', 4 5/8''
100889047
Bolt/Nut Set, Thru, 8-32x0.75, 1 1/3''
100889048
Bolt/Nut Set, Thru, 8-32x0.75, 1 1/3''
100889049
Bolt/Nut Set, Thru, 1/4-28x1.25, 2 1/8'', 2 3/4''
100889051
Bolt/Nut Set, Thru, 5/16-24x1.75, 3 3/8''
100889053
Bolt/Nut Set, Thru, 5/16-24x 2.00, 4 1/2''
100889055
Bolt/Nut Set, Thru, 5/16-24x2.25, 4 5/8''
100889062
Dodecagon Bolt/Nut/Washer Set, Thru,
1/4-28x1.25, 2 1/8'', 2 3/4''
100889064
Dodecagon Bolt/Nut/Washer Set, Thru,
5/16-24x1.75, 3 3/8''
100889066
Dodecagon Bolt/Nut/Washer Set, Thru,
5/16-24x2.00, 4 1/2''
100889068
Dodecagon Bolt/Nut/Washer Set, Thru,
5/16-24x2.25, 4 5/8''
100889071
Plate Nut Set, 8-32, 1 1/3''
100889072
Plate Nut Set, 1/4-28, 2 3/4''
100889073
Plate Nut Set, 5/16-24, 3 3/8''
100889074
Plate Nut Set, 5/16-24, 4 1/2''
100889077
Plate Nut/Bolt Set: 12 Plate Nuts, 24 Bolts/Washers,
8-32x0.75, 1 1/3''
100889079
Plate Nut/Bolt Set: 12 Plate Nuts, 24 Bolts/Washers,
1/4-28x1.25, 2 3/4''
100889081
Plate Nut/Bolt Set: 16 Plate Nuts, 32 Bolts/Washers,
5/16-24x1.75, 3 3/8''
100889083
Plate Nut/Bolt Set: 16 Plate Nuts, 32 Bolts/Washers,
5/16-24x2.00, 4 1/2''
100889090
Dodecagon Plate Nut/Bolt Set: 12 Plate Nuts,
24 Bolts/Washers, 8-32x0.75, 1 1/3''
100889092
Dodecagon Plate Nut/Bolt Set: 12 Plate Nuts,
24 Bolts/Washers, 1/4-28x1.25, 2 3/4''
100889094
Dodecagon Plate Nut/Bolt Set: 16 Plate Nuts,
32 Bolts/Washers, 5/16-24x1.75, 3 3/8''
100889096
Dodecagon Plate Nut/Bolt Set: 16 Plate Nuts,
32 Bolts/Washers, 5/16-24x2.00, 4 1/2''
100889103
Copper Gasket, Etched, 1 1/3''
100889104
Copper Gasket, Etched, 2 1/8''
100889105
Copper Gasket, Etched, 2 3/4''
100889106
Copper Gasket, Etched, 3 3/8''
100889107
Copper Gasket, Etched, 4 1/2''
100889108
Copper Gasket, Etched, 4 5/8''
100889123
Bolt/Nut Set, Double-Sided, 8-32x1.25, 1 1/3''
100889124
Bolt/Nut Set, Double-Sided, 8-32x1.25, 1 1/3''
100889125
Bolt/Nut Set, Double-Sided, 1/4-28x1.75, 2 1/8'', 2 3/4''
100889126
Bolt/Nut Set, Double-Sided, 1/4-28x2.00, 2 3/4''
100889127
Bolt/Nut Set, Double-Sided, 5/16-24x2.75, 4 1/2''
100889128
Bolt/Nut Set, Double-Sided, 5/16-24x3.00, 4 5/8''
100889130
Bolt/Nut Set, Double-Sided, 5/16-24x2.50, 3 3/8''
100889147
Bolt/Nut Set, Thru, 8-32x0.87, 1 1/3''
100889148
Bolt/Nut Set, Thru, 8-32x0.87, 1 1/3''
100889150
Bolt/Nut Set, Thru, 1/4-28x1.38, 2 1/8'', 2 3/4''
100889151
Dodecagon Bolt/Nut/Washer Set, Thru,
1/4-28x1.38, 2 1/8'', 2 3/4''
100889153
Bolt/Nut Set, Double-Sided, 1/4-28x2.50, 2 3/4''
100889181
Silver-Plated Copper Gasket (1), 1 1/3''
100889182
Silver-Plated Copper Gasket (1), 2 1/8''
100889183
Silver-Plated Copper Gasket (1), 2 3/4''
100889184
Silver-Plated Copper Gasket (1), 3 3/8''
100889185
Silver-Plated Copper Gasket (1), 4 1/2''
100889186
Silver-Plated Copper Gasket (1), 4 5/8''


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn