Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100882001 Datasheet(PDF) 13 Page - MKS Instruments.

Part # 100882001
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100882001 Datasheet(HTML) 13 Page - MKS Instruments.

Back Button 100882001 Datasheet HTML 9Page - MKS Instruments. 100882001 Datasheet HTML 10Page - MKS Instruments. 100882001 Datasheet HTML 11Page - MKS Instruments. 100882001 Datasheet HTML 12Page - MKS Instruments. 100882001 Datasheet HTML 13Page - MKS Instruments. 100882001 Datasheet HTML 14Page - MKS Instruments. 100882001 Datasheet HTML 15Page - MKS Instruments. 100882001 Datasheet HTML 16Page - MKS Instruments. 100882001 Datasheet HTML 17Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Ordering Information
Bellows section
in./(mm)
Flange
Size
Static Bend
Radius
A
B
Spring Rate
(lb/in)
Part Number
1 1/3
2 1/8
2 3/4
3 3/8
3.0 (76)
4.0 (102)
5.5 (140)
8.0 (203)
4.15 (105)
3.41 (86)
4.15 (105)
4.29 (109)
3.80 (97)
3.20 (81)
3.20 (81)
3.20 (81)
70
58
61
58
100881045
100882028
100883047
100884025
• Type321stainlesssteel
• Flexiblecouplingforvibrationsandalignment
• Thruholes


Similar Part No. - 100882001

ManufacturerPart #DatasheetDescription
PowerDynamics, Inc
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
Festo Corporation.
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
Schneider Electric
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100882001

ManufacturerPart #DatasheetDescription
MKS Instruments.
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
Glenair, Inc.
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
Copal Electronics
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
NXP Semiconductors
NXP Semiconductors
90AV PHILIPS-90AV Datasheet
255Kb / 13P
   HIGH VACUUM PHOTOCELL
19.4.1949
Glenair, Inc.
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
List of Unclassifed Manufacturers
List of Unclassifed Man...
XD-18 ETC2-XD-18 Datasheet
126Kb / 2P
   HIGH VOLTAGE HIGH VACUUM DIODE
Copal Electronics
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
Protek Devices
Protek Devices
K1-076 PROTEC-K1-076_15 Datasheet
451Kb / 6P
   HIGH POWERED TVS COMPONENT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com