Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100882001 Datasheet(PDF) 16 Page - MKS Instruments.

Part # 100882001
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100882001 Datasheet(HTML) 16 Page - MKS Instruments.

Back Button 100882001 Datasheet HTML 12Page - MKS Instruments. 100882001 Datasheet HTML 13Page - MKS Instruments. 100882001 Datasheet HTML 14Page - MKS Instruments. 100882001 Datasheet HTML 15Page - MKS Instruments. 100882001 Datasheet HTML 16Page - MKS Instruments. 100882001 Datasheet HTML 17Page - MKS Instruments. 100882001 Datasheet HTML 18Page - MKS Instruments. 100882001 Datasheet HTML 19Page - MKS Instruments. 100882001 Datasheet HTML 20Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
plate nut sets
plate nut (24 per package)
Flange Size
Thread Size
A
B
C
D
Part Number
1 1/3
2 3/4
3 3/8
4 1/2
8-32
1/4-28
5/16-24
5/16-24
.80''
1.41''
1.75''
2.03''
.30''
.50''
.50''
.50''
.53''
1.16''
1.09''
1.39''
.15''
.18''
.22''
.22''
100889071
100889072
100889073
100889074
* Note: There are 25 bolts, nuts, and washers per package
.
plate nut and Bolt sets
Flange Size
Description
Part Number
1 1/3
2 3/4
3 3/8
4 1/2
Plate Nut/Bolt Set: 12 Plate Nuts, 24 Bolts/Washers, 8-32 x 0.75
Plate Nut/Bolt Set: 12 Plate Nuts, 24 Bolts/Washers, 1/4-28 x 1.25
Plate Nut/Bolt Set: 16 Plate Nuts, 32 Bolts/Washers, 5/16-24 x 1.75
Plate Nut/Bolt Set: 16 Plate Nuts, 32 Bolts/Washers, 5/16-24 x 2.00
100889077
100889079
100889081
100889083
plate nut and Dodecagon (12 pt) silver plated Bolt sets
Flange Size
Description
Part Number
1 1/3
2 3/4
3 3/8
4 1/2
Dodecagon Plate Nut/Bolt Set: 12 Plate Nuts, 24 Bolts/Washers, 8-32 x 0.75
Dodecagon Plate Nut/Bolt Set: 12 Plate Nuts, 24 Bolts/Washers, 1/4-28 x 1.25
Dodecagon Plate Nut/Bolt Set: 16 Plate Nuts, 32 Bolts/Washers, 5/16-24 x 1.75
Dodecagon Plate Nut/Bolt Set: 16 Plate Nuts, 32 Bolts/Washers, 5/16-24 x 2.00
100889090
100889092
100889094
100889096
Dodecagon (12 pt) Bolts with nuts and Washers*
Flange Size
Description
Part Number
2 1/8, 2 3/4
2 1/8, 2 3/4
2 1/8, 2 3/4
3 3/8, 4 1/2, 4 5/8
4 1/2
3 3/8
4 5/8
Dodecagon Bolt/Nut/Washer Set, Silver Plated, Tapped, 1/4-28 x 1.00
Dodecagon Bolt/Nut/Washer Set, Silver Plated, Thru, 1/4-28 x 1.25
Dodecagon Bolt/Nut/Washer Set, Silver Plated, Thru, 1/4-28 x 1.38
Dodecagon Bolt/Nut/Washer Set, Silver Plated, Tapped, 5/16-24 x 1.25
Dodecagon Bolt/Nut/Washer Set, Silver Plated, Thru, 5/16-24 x 2.00
Dodecagon Bolt/Nut/Washer Set, Silver Plated, Thru, 5/16-24 x 1.75
Dodecagon Bolt/Nut/Washer Set, Silver Plated, Thru, 5/16-24 x 2.25
100889042
100889062
100889151
100889044
100889066
100889064
100889068


Similar Part No. - 100882001

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100882001

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com