Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2SB60 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # D2SB60
Description  Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

D2SB60 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  D2SB60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd D2SB60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (BZX85C SERIES)
FIG.1- PULSE THERMAL RESISTANCE VS
FIG.3- DYNAMIC RESISTANCE VS ZENER CURRENT
FIG.2- DYNAMIC RESISTANCE VS ZENER CURRENT
FIG.4- THERMAL RESISTANCE VS LEAD LENGTH
PULSE DURATION
FIG.5- ADMISSIBLE POWER DISSIPATION VS
FIG.6- DYNAMIC RESISTANCE VS ZENER CURRENT
AMBIENT TEMPERATURE


Similar Part No. - D2SB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SB60 SHINDENGEN-D2SB60 Datasheet
272Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
logo
Shenzhen Ping Sheng Ele...
D2SB60 PFS-D2SB60 Datasheet
338Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
D2SB60 TSC-D2SB60 Datasheet
124Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
D2SB60 DACHANG-D2SB60 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
logo
Taiwan Semiconductor Co...
D2SB60 TSC-D2SB60 Datasheet
194Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
More results

Similar Description - D2SB60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
W005GM TSC-W005GM Datasheet
68Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G Datasheet
54Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
HDBL151G TSC-HDBL151G Datasheet
54Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DB154G TSC-DB154G Datasheet
98Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DBL151G TSC-DBL151G Datasheet
59Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_1 Datasheet
212Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005G TSC-W005G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_10 Datasheet
451Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
W005MG JGD-W005MG Datasheet
124Kb / 2P
   MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com