Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100882016 Datasheet(PDF) 14 Page - MKS Instruments.

Part # 100882016
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100882016 Datasheet(HTML) 14 Page - MKS Instruments.

Back Button 100882016 Datasheet HTML 10Page - MKS Instruments. 100882016 Datasheet HTML 11Page - MKS Instruments. 100882016 Datasheet HTML 12Page - MKS Instruments. 100882016 Datasheet HTML 13Page - MKS Instruments. 100882016 Datasheet HTML 14Page - MKS Instruments. 100882016 Datasheet HTML 15Page - MKS Instruments. 100882016 Datasheet HTML 16Page - MKS Instruments. 100882016 Datasheet HTML 17Page - MKS Instruments. 100882016 Datasheet HTML 18Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
thin Wall metal hose
in./(mm)
Flange
Size
Static
Bend
Radius
A
B
Wall
Thickness
Spring
Rate
(lb/in)
Part Number
1 1/3
1 1/3
1 1/3
2 1/8
2 1/8
2 1/8
2 3/4
2 3/4
2 3/4
3 3/8
3 3/8
3 3/8
4 1/2
4 1/2
4 1/2
1.63 (41)
1.63 (41)
1.63 (41)
1.38 (35)
1.38 (35)
1.38 (35)
2.50 (64)
2.50 (64)
2.50 (64)
3.25 (83)
3.25 (83)
3.25 (83)
6.75 (172)
6.75 (172)
6.75 (172)
11.3 (287)
21.2 (539)
40.9 (1039)
11.3 (287)
22.1 (561)
41.8 (1062)
12.3 (312)
22.1 (561)
41.9 (1064)
13.3 (338)
23.2 (589)
42.9 (1090)
13.8 (351)
23.7 (602)
43.4 (1102)
7.8 (198)
13.8 (351)
25.6 (650)
7.8 (198)
14.7 (373)
26.5 (673)
8.7 (221)
14.1 (358)
25.0 (635)
10.5 (267)
17.0 (432)
29.8 (757)
9.1 (231)
16.2 (412)
30.3 (770)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
27
12
9
16
7
3
9
4
2
13
6
3
15
7
3
100881032
100881033
100881034
100882020
100882021
100882022
100883032
100883033
100883034
100884016
100884017
100884018
100885020
100885021
100885022
• Type321stainlesssteel
• Speciallengthstoorder
• Bothendsmustbesupportedforthe41/2
and 6 inch sizes
Flange protector Caps
Flange Size
Description
Part Number
1 1/3
2 1/8
2 3/4
3 3/8
Flange protector cap, plastic
Flange protector cap, plastic
Flange protector cap, plastic
Flange protector cap, plastic
100003050
100005285
100003049
100003048


Similar Part No. - 100882016

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
logo
Heyco.
10088 HEYCO-10088 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100882016

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com