Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100882016 Datasheet(PDF) 15 Page - MKS Instruments.

Part # 100882016
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100882016 Datasheet(HTML) 15 Page - MKS Instruments.

Back Button 100882016 Datasheet HTML 11Page - MKS Instruments. 100882016 Datasheet HTML 12Page - MKS Instruments. 100882016 Datasheet HTML 13Page - MKS Instruments. 100882016 Datasheet HTML 14Page - MKS Instruments. 100882016 Datasheet HTML 15Page - MKS Instruments. 100882016 Datasheet HTML 16Page - MKS Instruments. 100882016 Datasheet HTML 17Page - MKS Instruments. 100882016 Datasheet HTML 18Page - MKS Instruments. 100882016 Datasheet HTML 19Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Ordering Information
CF hardware
Flange Size
Description
Quantity
Part Number
1 1/3
1 1/3
1 1/3
1 1/3
2 1/8, 2 3/4
3 3/8, 4 1/2, 4 5/8
1 1/3
1 1/3
1 1/3
1 1/3
2 1/8, 2 3/4
2 1/8, 2 3/4
3 3/8
4 1/2
4 5/8
1 1/3
1 1/3
2 1/8, 2 3/4
2 3/4
2 3/4
3 3/8
4 1/2
4 5/8
1 1/3
2 1/8
2 3/4
3 3/8
4 1/2
4 5/8
Bolt Set, Tapped, 8-32 x 0.56
Bolt Set, Tapped, 8-32 x 0.62
Bolt Set, Tapped, 8-32 x 0.75
Bolt Set, Tapped, 8-32 x 0.50
Bolt Set, Tapped, 1/4-28 x 1.00
Bolt Set, Tapped, 5/16-24 x 1.25
Bolt/Nut Set, Thru, 8-32 x 0.75
Bolt/Nut Set, Thru, 8-32 x 0.87
Bolt/Nut Set, Thru, 8-32 x 0.75, Ag
Bolt/Nut Set, Thru, 8-32 x 0.87, Ag
Bolt/Nut Set, Thru, 1/4-28 x 1.25
Bolt/Nut Set, Thru, 1/4-28 x 1.38
Bolt/Nut Set, Thru, 5/16-24 x 1.75
Bolt/Nut Set, Thru, 5/16-24 x 2.00
Bolt/Nut Set, Thru, 5/16-24 x 2.25
Bolt/Nut Set, Double-Sided, 8-32 x 1.25
Bolt/Nut Set, Double-Sided, 8-32 x 1.25. Ag
Bolt/Nut Set, Double-Sided, 1/4-28 x 1.75
Bolt/Nut Set, Double-Sided, 1/4-28 x 2.00
Bolt/Nut Set, Double-Sided, 1/4-28 x 2.50
Bolt/Nut Set, Double-Sided, 5/16-24 x 2.50
Bolt/Nut Set, Double-Sided, 5/16-24 x 2.75
Bolt/Nut Set, Double-Sided, 5/16-24 x 3.00
Viton Seal, Beveled Edge
Viton Seal, Beveled Edge
Viton Seal, Beveled Edge
Viton Seal, Beveled Edge
Viton Seal, Beveled Edge
Viton Seal, Beveled Edge
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
5
5
5
5
5
5
100889029
100889030
100889031
100889032
100889033
100889035
100889047
100889147
100889048
100889148
100889049
100889150
100889051
100889053
100889055
100889123
100889124
100889125
100889126
100889153
100889130
100889127
100889128
100889020
100889021
100889022
100889023
100889024
100889025
CF hardware
Flange Size
Description
Quantity
Part Number
1 1/3
2 1/8
2 3/4
3 3/8
4 1/2
4 5/8
1 1/3
2 1/8
2 3/4
3 3/8
4 1/2
4 5/8
Silver-Plated Copper Gasket
Silver-Plated Copper Gasket
Silver-Plated Copper Gasket
Silver-Plated Copper Gasket
Silver-Plated Copper Gasket
Silver-Plated Copper Gasket
Copper Gasket, Etched, Individually Sealed
Copper Gasket, Etched, Individually Sealed
Copper Gasket, Etched, Individually Sealed
Copper Gasket, Etched, Individually Sealed
Copper Gasket, Etched, Individually Sealed
Copper Gasket, Etched, Individually Sealed
1
1
1
1
1
1
10
10
10
10
10
10
100889181
100889182
100889183
100889184
100889185
100889186
100889103
100889104
100889105
100889106
100889107
100889108


Similar Part No. - 100882016

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
logo
Heyco.
10088 HEYCO-10088 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100882016

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com