Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100881011 Datasheet(PDF) 3 Page - MKS Instruments.

Part No. 100881011
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MKS [MKS Instruments.]
Homepage  https://www.mksinst.com/
Logo 

100881011 Datasheet(HTML) 3 Page - MKS Instruments.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Series 88 Components
Gasket
Non-rotatable
Flange
Rotatable
Flange
Figure 1 —
CF Flange Installation
Standard size inch tubing provides easy and economical
connection to the user’s equipment. Full and half nipples,
adapters to a variety of other connection elements, tees,
elbows, crosses, and flexible metal hoses for vibration
isolation and movement give the line added versatility.
With its extensive engineering capabilities, MKS provides
custom designed and manufactured shapes and sizes of
components. Custom vacuum chambers can be fabricated
as well as unique space and time saving fittings and
adapters.
table 1 - gaskets and torque
size
metal gasket Dimensions
in/(mm)
maximum torque
for sealing
ft./lbs
(newton-meters)
Outer Diameter
Inner Diameter
1 1/3''
0.84/(21)
0.64/(16)
5/(7)
2 1/8''
1.29/(33)
1.01/(26)
16/(22)
2 3/4''
1.90/(48)
1.45/(37)
16/(22)
3 3/8''
2.43/(62)
2.01/(51)
26/(35)
4 1/2''
3.24/(82)
2.51/(64)
26/(35)
4 5/8''
3.60/(91)
3.01/(76)
26/(35)
Note: Metal gaskets are .08'' thick.
specifications
Minimum Pressure
(with metal seals)
10
-13 Torr
Leak Check
< 10
-9 std-cc/s
Materials
Components
Gaskets
Bolts
Type 304 Stainless Steel
Copper, Silver Plated Copper or
Viton
Type 304 Stainless or Silver Plated
Stainless
Metal Gasket Thickness
.08''/(2.03 mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn