Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100760120 Datasheet(PDF) 14 Page - MKS Instruments.

Part # 100760120
Description  ISO-Universal fittings Sizes NW 63 to NW 630
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100760120 Datasheet(HTML) 14 Page - MKS Instruments.

Back Button 100760120 Datasheet HTML 10Page - MKS Instruments. 100760120 Datasheet HTML 11Page - MKS Instruments. 100760120 Datasheet HTML 12Page - MKS Instruments. 100760120 Datasheet HTML 13Page - MKS Instruments. 100760120 Datasheet HTML 14Page - MKS Instruments. 100760120 Datasheet HTML 15Page - MKS Instruments. 100760120 Datasheet HTML 16Page - MKS Instruments. 100760120 Datasheet HTML 17Page - MKS Instruments. 100760120 Datasheet HTML 18Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
90° elbow, Smooth radius
in./(mm)
Flange Size
(ISO)
A
Part Number
NW 63
NW 80
NW 100
NW 160
4.00 (102)
4.74 (120)
6.24 (158)
9.24 (235)
100764606
100764608
100764610
100764616
• Stainlesssteeltype304
• ISO-MFflanges,samesizebothports
A
A
45° elbow, Smooth radius
in./(mm)
Flange Size
(ISO)
A
Part Number
NW 63
NW 80
NW 100
NW 160
3.25 (83)
3.93 (100)
5.03 (128)
5.49 (139)
100764406
100764408
100764410
100764416
• Stainlesssteeltype304
• ISO-MFflanges,samesizebothports
A


Similar Part No. - 100760120

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1007601 TURCK-1007601 Datasheet
199Kb / 3P
   Inductive Sensor – Slot-type
11/07/2023
More results

Similar Description - 100760120

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
S48934 SCHNEIDER-S48934 Datasheet
112Kb / 1P
   Masterpact NT/NW SAFETY SHUTTER
S47405 SCHNEIDER-S47405 Datasheet
76Kb / 2P
   MasterPact NW Circuit Breaker Communication Module
logo
Sony Corporation
ICF-SW7600G SONY-ICF-SW7600G Datasheet
3Mb / 27P
   FM STEREO/SW/MW/NW PLL SYNTHESIZED RECEIVER
logo
Molex Electronics Ltd.
1600913010 MOLEX1-1600913010 Datasheet
43Kb / 1P
   MXP120 Backshell, Exit Direction Straight, Flange Size NW 4.5, 3 Circuits
1600913210 MOLEX1-1600913210 Datasheet
47Kb / 1P
   MXP120 Backshell, Exit Direction Left, Flange Size NW 4.5, 3 Circuits
1600912010 MOLEX1-1600912010 Datasheet
43Kb / 1P
   MXP120 Backshell, Exit Direction Straight, Flange Size NW 4.5, 2 Circuits
1600912110 MOLEX1-1600912110 Datasheet
46Kb / 1P
   MXP120 Backshell, Exit Direction Right, Flange Size NW 4.5, 2 Circuits
1600913110 MOLEX1-1600913110 Datasheet
48Kb / 1P
   MXP120 Backshell, Exit Direction Right, Flange Size NW 4.5, 3 Circuits
1600916020 MOLEX1-1600916020 Datasheet
43Kb / 1P
   MXP120 Backshell, Exit Direction Straight, Flange Size NW 7.5, with Cable Tie Access
1600912210 MOLEX1-1600912210 Datasheet
47Kb / 1P
   MXP120 Backshell, Exit Direction Left, Flange Size NW 4.5, 2 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com