Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N6040 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 2N6040
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

2N6040 Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N6040 2N6042 2N6043 2N6045
http://onsemi.com
4
20,000
0.1
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
200
0.2 0.3
0.5
1.0
2.0
10
0.7
7.0
PNP
2N6040, 2N6042
NPN
2N6043, 2N6045
Figure 9. Collector Saturation Region
3.0
0.3
IB, BASE CURRENT (mA)
1.0
0.5
1.0
2.0
10
30
1.8
IC = 2.0 A
TJ = 25°C
4.0 A
2.2
2.6
0.7
5.0
3.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5 0.7 1.0
3.0
10
2.5
2.0
1.5
1.0
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 4.0 V
2.0
10,000
TJ = 150°C
25°C
-55°C
20
IC, COLLECTOR CURRENT (AMP)
VCE = 4.0 V
TJ = 150°C
25°C
-55°C
1.4
6.0 A
IB, BASE CURRENT (mA)
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
7000
5000
3000
2000
1000
700
500
300
3.0
5.0
VCE = 4.0 V
20,000
0.1
200
0.2 0.3
0.5
1.0
2.0
10
0.7
7.0
10,000
7000
5000
3000
2000
1000
700
500
300
3.0
5.0
3.0
7.0
IC = 2.0 A
4.0 A
6.0 A
3.0
0.3
1.0
0.5
1.0
2.0
10
30
1.8
2.2
2.6
0.7
5.0
20
1.4
3.0
7.0
7.0
5.0
3.0
0.1
0.2 0.3
0.5 0.7 1.0
3.0
10
2.5
2.0
1.5
1.0
0.5
2.0
7.0
5.0
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 4.0 V
Figure 10. “On” Voltages


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn