Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY117F Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. CNY117F
Description  Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY117F Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY117F Datasheet HTML 1Page - Vishay Siliconix CNY117F Datasheet HTML 2Page - Vishay Siliconix CNY117F Datasheet HTML 3Page - Vishay Siliconix CNY117F Datasheet HTML 4Page - Vishay Siliconix CNY117F Datasheet HTML 5Page - Vishay Siliconix CNY117F Datasheet HTML 6Page - Vishay Siliconix CNY117F Datasheet HTML 7Page - Vishay Siliconix CNY117F Datasheet HTML 8Page - Vishay Siliconix CNY117F Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CNY117F
Document Number 83598
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Current Transfer Ratio IC/IF at VCE = 5.0 V, 25 °C and Collector-Emitter Leakage Current by dash number
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Breakdown voltage
IR = 10 µAVBR
6.0
V
Reserve current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
5.2
pF
Base - collector capacitance
VCE = 5.0 V, f = 1.0 MHz
CBC
6.5
pF
Emitter - base capacitance
VCE = 5.0 V, f = 1.0 MHz
CEB
7.5
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Saturation voltage, collector-
emitter
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.6
pF
Collector-emitter leakage
current
VCE = 10 V
CNY117F-1
ICEO
2.0
50
nA
CNY117F-2
ICEO
2.0
50
nA
CNY117F-3
ICEO
5.0
100
nA
CNY117F-4
ICEO
5.0
100
nA
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
IF = 10 mA
CNY117F-1
CTR
40
80
%
CNY117F-2
CTR
63
125
%
CNY117F-3
CTR
100
200
%
CNY117F-4
CTR
160
320
%
IF = 1.0 mA
CNY117F-1
CTR
13
30
%
CNY117F-2
CTR
22
45
%
CNY117F-3
CTR
34
70
%
CNY117F-4
CTR
56
90
%


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn