Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY117F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CNY117F
Description  Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY117F Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY117F Datasheet HTML 1Page - Vishay Siliconix CNY117F Datasheet HTML 2Page - Vishay Siliconix CNY117F Datasheet HTML 3Page - Vishay Siliconix CNY117F Datasheet HTML 4Page - Vishay Siliconix CNY117F Datasheet HTML 5Page - Vishay Siliconix CNY117F Datasheet HTML 6Page - Vishay Siliconix CNY117F Datasheet HTML 7Page - Vishay Siliconix CNY117F Datasheet HTML 8Page - Vishay Siliconix CNY117F Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CNY117F
Document Number 83598
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
1
2
3
6
5
4
NC
C
E
A
C
NC
18216
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, No Base Connection,
110 °C Rated
Features
• Operating temperature from - 55 °C to + 110 °C
• No Base Terminal Connection for Improved Com-
mon Mode Interface Immunity
• Long Term Stability
• Industry Standard Dual-in-Line Package
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Applications
AC adapter
SMPS
PLC
Factory Automation
Game Consoles
Description
The CNY117F is a 110 °C rated optocoupler consist-
ing of a Gallium Arsenide infrared emitting diode opti-
cally coupled to a silicon planar phototransistor
detector in a plastic plug-in DIP-6 package.
The coupling device is suitable for signal transmission
between two electrically separated circuits. The
potential difference between the circuits to be coupled
is not allowed to exceed the maximum permissible
reference voltages.
In contrast to the CNY117 Series, the base terminal
of the F type is not connected, resulting in a substan-
tially improved common-mode interference immunity.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
CNY117F-1
CTR 40 - 80 %, DIP-6
CNY117F-2
CTR 63 - 125 %, DIP-6
CNY117F-3
CTR 100 - 200 %, DIP-6
CNY117F-4
CTR 160 - 320 %, DIP-6


Similar Part No. - CNY117F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
More results

Similar Description - CNY117F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com