Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY117F Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY117F
Description  Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY117F Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY117F Datasheet HTML 1Page - Vishay Siliconix CNY117F Datasheet HTML 2Page - Vishay Siliconix CNY117F Datasheet HTML 3Page - Vishay Siliconix CNY117F Datasheet HTML 4Page - Vishay Siliconix CNY117F Datasheet HTML 5Page - Vishay Siliconix CNY117F Datasheet HTML 6Page - Vishay Siliconix CNY117F Datasheet HTML 7Page - Vishay Siliconix CNY117F Datasheet HTML 8Page - Vishay Siliconix CNY117F Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CNY117F
Document Number 83598
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Figure 3. Collector Current vs. Collector Emitter Voltage
Figure 4. Collector to Emitter Dark Current vs. Ambient
Temperature
Figure 5. Normalized Current vs. Collector Emitter Saturation
Voltage
0
5
10
15
20
25
30
35
40
45
50
0 123 4567 89 10 11 12 13 14 15
V
– Collector Emitter Voltage (V)
18733
CE
I
= 30 mA
I
=1mA
I= 5 mA
I
= 10 mA
I= 15 mA
I = 20 mA
F
F
F
F
F
F
0.10
1
10
100
1000
10000
–75
–25
25
75
125
T
– Ambient Temperature ( °C )
18734
amb
40 V
12 V
24 V
0
10
20
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
– Collector to Emitter Voltage (V)
18735
25 mA
10 mA
5mA
1mA
2mA
CE
Figure 6. Normalized Current Transfer Ratio vs. Ambient
Temperature
Figure 7. Normalized Current Transfer Ratio vs. Ambient
Temperature
Figure 8. Normalized CTR vs. Forward Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( C )
17578
Normalized to
IF = 10 mA, Tamb = 25_C,
VCE= 0.4 V, saturated
IF = 10 mA
5 mA
1 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( C )
17579
Normalized to
IF = 10 mA, Tamb = 25_C,
VCE= 5 V, non–saturated
IF = 10 mA
5 mA
1 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.10
1.00
10.00
100.00
IF – Forward Current ( mA )
17580
Normalized to
IF = 10 mA, Tamb = 25_C,
VCE= 5 V, non–saturated
–4
–1
–3
–2


Similar Part No. - CNY117F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
More results

Similar Description - CNY117F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com