Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3403-46ST Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM3403-46ST
Description  Micropower Supply Voltage Supervisor (SVS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3403-46ST Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM3403-46ST Datasheet HTML 1Page - California Micro Devices Corp CM3403-46ST Datasheet HTML 2Page - California Micro Devices Corp CM3403-46ST Datasheet HTML 3Page - California Micro Devices Corp CM3403-46ST Datasheet HTML 4Page - California Micro Devices Corp CM3403-46ST Datasheet HTML 5Page - California Micro Devices Corp CM3403-46ST Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
10/29/04
CM3403
Performance Information
CM3403 Typical Characteristics (nominal conditions unless specified otherwise)
Reset Response with Overdrive
0
1
2
3
4
0
50
100
150
200
Reset Threshold Overdrive [mV]
Ground Current vs. Voltage
0
10
20
30
40
50
012
345
SUPPLY VOLTAGE [V]
Below Trigger RESET* Pull-down
0
1
10
100
1000
0
123
SUPPLY VOLTAGE [V]
Above Trigger RESET* Pull-up
0.0
0.1
0.2
0.3
0.4
0.5
0.6
23
456
SUPPLY VOLTAGE [V]


Similar Part No. - CM3403-46ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3400 CALMIRCO-CM3400 Datasheet
218Kb / 9P
   Micropower, Universal Supply Voltage Supervisor (SVS)
CM3400-00MS CALMIRCO-CM3400-00MS Datasheet
218Kb / 9P
   Micropower, Universal Supply Voltage Supervisor (SVS)
CM3400-00SN CALMIRCO-CM3400-00SN Datasheet
218Kb / 9P
   Micropower, Universal Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404-40ST CALMIRCO-CM3404-40ST Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
More results

Similar Description - CM3403-46ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3400 CALMIRCO-CM3400 Datasheet
218Kb / 9P
   Micropower, Universal Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com