Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG55454BLDESC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG55454BLDESC
Description  DUAL PERIPHERAL POSITIVE NOR DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG55454BLDESC Datasheet(HTML) 1 Page - Microsemi Corporation

  SG55454BLDESC Datasheet HTML 1Page - Microsemi Corporation SG55454BLDESC Datasheet HTML 2Page - Microsemi Corporation SG55454BLDESC Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SG55451B/SG55461/SG55471
SG75451B/SG75461/SG75471
DUAL PERIPHERAL POSITIVE-AND DRIVER
FEATURES
••••• 300mA output current capability
••••• High-voltage output
••••• No output latch-up at 20V
••••• High speed switching
••••• TTL or DTL compatible diode-clamped inputs
••••• Standard supply voltages
HIGH RELIABILITY FEATURES
- SG55451B/SG55461/SG55471
♦ Available to MIL-STD-883
♦ Scheduled for MIL-M-38510 QPL listing
♦ LMI level "S"processing available
DESCRIPTION
The SG5541B/SG55461/SG55471 (SG75451B/SG75461/SG75471) se-
ries of dual peripheral Positive-AND drivers are a family of versatile
devices designed for use in systems that employ TTL or DTL logic. This
family of drivers are direct replacements for the Texas Instruments
SN55451B/61/71 (SN75451B/61/71)series. Diode-clamped inputs sim-
plify circuit design. Typical applications include high-speed logic buffers,
power drivers, relay drivers, MOS drivers, line drivers, and memory drivers.
The SG55451B/SG55461/SG55471 drivers are characterized for opera-
tion over the full military ambient temperature range of -55°C to 125°C and
the SG75451B/SG75461/SG75471 drivers are chracterized for operation
from 0°C to 70°C.
EQUIVALENT CIRCUIT SCHEMATIC (each driver)
BLOCK DIAGRAM
Positive Logic: Y = AB
FUNCTION TABLE (each gate)
AB
Y
L
L
L (on-state)
L
H
L (on-state)
H
L
L (on-state)
H
H
H (off-state)
H = High Level, L = Low Level
5/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570


Similar Part No. - SG55454BLDESC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG55451B MICROSEMI-SG55451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG55451BL MICROSEMI-SG55451BL Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG55451BL/883B MICROSEMI-SG55451BL/883B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG55451BY MICROSEMI-SG55451BY Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG55451BY/883B MICROSEMI-SG55451BY/883B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
More results

Similar Description - SG55454BLDESC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG55451B MICROSEMI-SG55451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
logo
Texas Instruments
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com