Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N6027 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 2N6027
Description  Programmable Unijunction Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

2N6027 Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N6027, 2N6028
http://onsemi.com
4
VS, SUPPLY VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
100
10
1000
10
515
20
500
5
10
0
–50
+50
+100
100
RG = 10 kΩ
100 k
1 M
–25
+25
+75
RG = 10 kΩ
100 k
1 M
TYPICAL VALLEY CURRENT BEHAVIOR
IF, PEAK FORWARD CURRENT (AMP)
VS, SUPPLY VOLTAGE (VOLTS)
0.1
0.05
0.02
0.01
0.2
0.5
1.0
0.02
0.01
0.05
0.1
10
20
5.0
0
15
10
020
30
25
TA = 25°C
5.0
15
25
CC = 0.2 µF
1000 pF
TA = 25°C
(SEE FIGURE 3)
2.0
5.0
10
0.2
2.0
0.5
1.0
5.0
35
40
A
K
G
K
A
G
E
P
N
N
P
Circuit Symbol
B2
B1
R1
R2
R1
R1 + R2
RBB = R1 + R2
η =
Equivalent Circuit
with External “Program”
Resistors R1 and R2
Typical Application
CC
RT
K
A
G
R2
R1
+
Figure 4. Effect of Supply Voltage
Figure 5. Effect of Temperature
Figure 6. Forward Voltage
Figure 7. Peak Output Voltage
Figure 8. Programmable Unijunction


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BRY56AProgrammable unijunction transistor 1 2 3 4 5 MoreNXP Semiconductors
CMPP6027SURFACE MOUNT PROGRAMMABLE UNIJUNCTION SILICON TRANSISTOR 1 2 Central Semiconductor Corp
BRY61Programmable unijunction transistor 1 2 3 4 5 MoreNXP Semiconductors
CP622Programmable Unijunction Transistor 1 2 Central Semiconductor Corp
2N6027PROGRAMMABLE UNIJUNCTION TRANSISTOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CP624Programmable Unijunction Transistor 1 2 Central Semiconductor Corp
MMBT6027Silicon programmable unijunction transistor PUTs 1 List of Unclassifed Manufacturers
NTE6402Programmable Unijunction Transistor PUT 1 2 NTE Electronics
BRY39Programmable unijunction transistor/ Silicon controlled switch 1 2 3 4 5 MoreNXP Semiconductors
BRY56PROGRAMMABLE UNIJUNCTION TRANSISTOR 1 2 3 4 5 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn