Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG75464Y Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG75464Y
Description  DUAL PERIPHERAL POSITIVE NOR DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG75464Y Datasheet(HTML) 3 Page - Microsemi Corporation

  SG75464Y Datasheet HTML 1Page - Microsemi Corporation SG75464Y Datasheet HTML 2Page - Microsemi Corporation SG75464Y Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SG55451B/61/71 SERIES
5/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
Propagation Delay Time, Low-
to-High Level Output
Propagation Delay Time, High-
to-Low Level Output
Transition Time, Low-to-High
Output
Transition Time, High-to-Low
Level Output
High-Level Output Voltage
After Switching (Note 1)
25
25
8
12
30
25
8
10
110
80
25
25
30
25
8
10
ns
ns
ns
ns
mV
mV
mV
110
80
25
25
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
SG55451B
SG75451B
SG55461
SG75461
SG55471
SG75471
Test Conditions
Parameter
Units
SWITCHING CHARACTERISTICS (V
CC
= 5V, T
A
= 25
°C)
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. Product is also available in flat pack. Consult factory for price and delivery.
V
S-6.5
18
18
5
7
V
S-10
V
S-18
I
C
= 200mA, C
L = 15pF,
R
L ≈ 50Ω
I
C = 300mA,
V
S = 20V
SGX5451B
V
S = 30V
SGX5461
V
S = 55V
SGX5471
Package
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Connection Diagram
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
4
5
6
8
321
9
111213
10
14
15
16
17
18
20 19
7
SG55451BL/883B -55
°C to 125°C
SG55451BL
-55
°C to 125°C
SG55461L/883B
-55
°C to 125°C
SG55461L
-55
°C to 125°C
SG55471L/883B
-55
°C to 125°C
SG55471L
-55
°C to 125°C
SG55451BY/883B -55
°C to 125°C
SG55451BY
-55
°C to 125°C
SG55461Y/883B
-55
°C to 125°C
SG55461Y
-55
°C to 125°C
SG55471Y/883B
-55
°C to 125°C
SG55471Y
-55
°C to 125°C
SG75451BY
0
°C to 70°C
SG75461Y
0
°C to 70°C
SG75471Y
0
°C to 70°C
8-PIN CERAMIC DIP
Y - PACKAGE
8
7
6
5
2
1
3
4
GND
2Y
2B
1A
1B
1Y
V
CC
2A
1. N.C.
2. 1A
3. N.C.
4. N.C.
5. 1B
6. N.C.
7. 1Y
8. N.C.
9. N.C.
10. GND
11. N.C.
12. 2Y
13. N.C.
14. N.C.
15. 2A
16. N.C.
17. 2B
18. N.C.
19. N.C.
20. V
CC
Note 1. These parameters, although guaranteed, are not tested in production.


Similar Part No. - SG75464Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG75461 MICROSEMI-SG75461 Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG75461Y MICROSEMI-SG75461Y Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
More results

Similar Description - SG75464Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG55451B MICROSEMI-SG55451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
logo
Texas Instruments
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com