Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL213AE-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADXL213AE-REEL
Description  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL213AE-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL213AE-REEL Datasheet HTML 3Page - Analog Devices ADXL213AE-REEL Datasheet HTML 4Page - Analog Devices ADXL213AE-REEL Datasheet HTML 5Page - Analog Devices ADXL213AE-REEL Datasheet HTML 6Page - Analog Devices ADXL213AE-REEL Datasheet HTML 7Page - Analog Devices ADXL213AE-REEL Datasheet HTML 8Page - Analog Devices ADXL213AE-REEL Datasheet HTML 9Page - Analog Devices ADXL213AE-REEL Datasheet HTML 10Page - Analog Devices ADXL213AE-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXL213
Rev. 0 | Page 7 of 12
TEMPERATURE (°C)
0.3
0.8
0.7
0.6
0.5
0.4
0.9
150
100
50
0
–50
VS = 5V
VS = 3V
Figure 15. Supply Current vs. Temperature
0
16.0
10.0
12.0
14.0
8.0
6.0
4.0
2.0
DELTA IN DUTY CYCLE (%)
Figure 16. X Axis Self Test Response at 25°C
TEMPERATURE (°C)
20
25
24
23
22
21
26
Figure 17. Self Test Response vs. Temperature
0
80
70
60
50
40
30
20
10
90
100
µA
3V
5V
Figure 18. Supply Current at 25°C
0
16.0
10.0
12.0
14.0
8.0
6.0
4.0
2.0
DELTA IN DUTY CYCLE (%)
Figure 19. Y Axis Self Test Response at 25°C
Figure 20. Turn-On Time – CX, CY = 0.1 µF, Time Scale = 2 ms/div


Similar Part No. - ADXL213AE-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results

Similar Description - ADXL213AE-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com