Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL213EB Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL213EB
Description  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL213EB Datasheet(HTML) 1 Page - Analog Devices

  ADXL213EB Datasheet HTML 1Page - Analog Devices ADXL213EB Datasheet HTML 2Page - Analog Devices ADXL213EB Datasheet HTML 3Page - Analog Devices ADXL213EB Datasheet HTML 4Page - Analog Devices ADXL213EB Datasheet HTML 5Page - Analog Devices ADXL213EB Datasheet HTML 6Page - Analog Devices ADXL213EB Datasheet HTML 7Page - Analog Devices ADXL213EB Datasheet HTML 8Page - Analog Devices ADXL213EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost ±1.2 g Dual
Axis Accelerometer
ADXL213
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Dual axis accelerometer on a single IC chip
5 mm × 5 mm × 2 mm LCC package
1 mg resolution at 60 Hz
Low power: 700 µA at VS = 5 V (typical)
High zero g bias stability
High sensitivity accuracy
Pulse width modulated digital outputs
X and Y axes aligned to within 0.1° (typical)
BW adjustment with a single capacitor
Single-supply operation
3500 g shock survival
APPLICATIONS
Automotive tilt alarms
Data projectors
Navigation
Platform stabilization/leveling
Alarms and motion detectors
High accuracy, 2-axis tilt sensing
GENERAL DESCRIPTION
The ADXL213 is a low cost, low power, complete dual axis
accelerometer with signal conditioned, duty cycle modulated
outputs, all on a single monolithic IC. The ADXL213 measures
acceleration with a full-scale range of ±1.2 g (typical). The
ADXL213 can measure both dynamic acceleration (e.g.,
vibration) and static acceleration (e.g., gravity).
The outputs are digital signals whose duty cycles (ratio of pulse
width to period) are proportional to acceleration (30%/g). The
duty cycle outputs can be directly measured by a microcontrol-
ler without an A/D converter or glue logic.
Innovative design techniques are used to ensure high zero g bias
stability (typically better than 0.25 mg/°C), as well as tight sensi-
tivity stability (typically better than 50 ppm/°C).
The typical noise floor is 160 µg/√Hz, allowing signals below
1 mg (0.06° of inclination) to be resolved in tilt sensing applica-
tions using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
capacitors CX and CY at the XFILT and YFILT pins. Bandwidths of
0.5 Hz to 250 Hz may be selected to suit the application.
The ADXL213 is available in a 5 mm × 5 mm × 2 mm, 8-pad
hermetic LCC package.
FUNCTIONAL BLOCK DIAGRAM
ADXL213
SENSOR
32k
32k
+VS
OUTPUT
AMP
OUTPUT
AMP
DCM
COM
ST
XFILT
YFILT
+VS
CDC
CX
DEMOD
CY
T2
YOUT
XOUT
RSET
AC
AMP
A(g) = (T1/T2 – 0.5)/30%
0g = 50% DUTY CYCLE
T2(s) = RSET/125MΩ
T2
T1
Figure 1.


Similar Part No. - ADXL213EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results

Similar Description - ADXL213EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com