Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2486BRW-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # ADM2486BRW-REEL
Description  High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2486BRW-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADM2486BRW-REEL Datasheet HTML 1Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 2Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 3Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 4Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 5Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 6Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 7Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 8Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM2486
Rev. C | Page 5 of 20
TIMING SPECIFICATIONS
2.7 V ≤ VDD1 ≤ 5.5 V, 4.75 V ≤ VDD2 ≤ 5.25 V, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
20
Mbps
Propagation Delay, tPLH, tPHL
25
45
55
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 7
RTS-to-DE Propagation Delay
20
35
55
ns
See Figure 8
Pulse Width Distortion, tPWD
5
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 7 and
Figure 12
Switching Skew, tSKEW
2
5
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 7 and
Figure 12
Rise/Fall Time, tR, tF
5
15
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 7 and
Figure 12
Enable Time
43
53
ns
See Figure 9 and Figure 14
Disable Time
43
55
ns
See Figure 9 and Figure 14
Enable Skew, |tAZH − tBZL|, |tAZL − tBZH|
1
3
ns
See Figure 9 and Figure 14
Disable Skew, |tAHZ − tBLZ|, |tALZ − tBHZ|
2
5
ns
See Figure 9 and Figure 14
RECEIVER
Propagation Delay, tPLH, tPHL
25
45
55
ns
CL = 15 pF, see Figure 10 and Figure 13
Differential Skew, tSKEW
5
ns
CL = 15 pF, see Figure 10 and Figure 13
Enable Time
3
13
ns
RL = 1 kΩ, CL = 15 pF, see Figure 11 and Figure 15
Disable Time
3
13
ns
RL = 1 kΩ, CL = 15 pF, see Figure 11 and Figure 15
POWER_VALID INPUT
Enable Time
1
2
µs
Disable Time
3
5
µs


Similar Part No. - ADM2486BRW-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
More results

Similar Description - ADM2486BRW-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2486 AD-ADM2486_15 Datasheet
450Kb / 20P
   High Speed, Half-Duplex Coupler Isolated RS-485 Transceiver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com