Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2612W Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT8A2612W
Description  PIR Sensor Light Switch Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2612W Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PT8A2612W Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 10Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 11Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
PT8A261/262
PIR Sensor Light Switch Controller
PT0075(04/03)
Ver:5
9
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Sym
Description
Test Conditions
Min
Typ
Max
Units
V
EE
Output Voltage
No load
3.2
3.6
4.0
V
V
OP2P
Noninverting input of OP2
No load
1.6
1.8
2.0
V
∆V
Ο
Line Regulation
4.5V
≤ V
CC ≤ 5.5V, IL = 1mA
-
30
50
mV
∆V
LDR
Load Regulation
V
CC = 5V, 0.5mA ≤ IL ≤ 2mA
-
60
100
mV
I
L
Regulator Output Current
V
CC = 5V
4
-
-
mA
AC Electrical Characteristics
Voltage Regulator
Operational Amplifier and Window Comparator
Sym
Description
Test Conditions
Min
Typ
Max
Units
BW
3dB Bandwidth
-
10
-
-
kHz
V
TH
Windows Comparator Threshold
V
CC
= 5V
1.9
2.05
2.2
V
V
TL
V
CC = 5V
1.4
1.55
1.7
V


Similar Part No. - PT8A2612W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611 PERICOM-PT8A2611 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611DE PERICOM-PT8A2611DE Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611P PERICOM-PT8A2611P Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611W PERICOM-PT8A2611W Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
More results

Similar Description - PT8A2612W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2641 PERICOM-PT8A2641 Datasheet
413Kb / 13P
   PIR Sensor Light Switch
logo
ELMOS Semiconductor AG
E931.98 ELMOS-E931.98 Datasheet
207Kb / 2P
   PIR CONTROLLER IC FOR LOAD SWITCH
logo
List of Unclassifed Man...
M2000C ETC1-M2000C Datasheet
202Kb / 5P
   PIR Light Controller for 3-Wire Applications
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com