Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2612W Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT8A2612W
Description  PIR Sensor Light Switch Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2612W Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT8A2612W Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2612W Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
PT8A261/262
PIR Sensor Light Switch Controller
PT0075(04/03)
Ver:5
4
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Pin Assignment
Figure 2
Pin Description
Table 1
Pin/Pad
Name
Type
Description
261
262
1
1
GND
Ground Ground
2
RELAY
O
RELAY drive output through an external NPN transistor, active high
2
TRIAC
O
TRIAC drive two-pulse output, active negative pulse.
3
3
OSCD
I/O
Output timing oscillator I/O, connected to an external RC to adjust output duration.
4
4
OSCS
I/O
System oscillator I/O, connected to an external RC to set the system frequency. The system
frequency = 16kHz for normal application.
5
5
ZC
I
Schmitt input for AC zero crossing detection.
6
6
CDS
I
Connected to a CDS voltage divider for daytime/night auto-detection. Low input to this pin
can disable PIR input. CDS is a schmitt trigger input with 5-second input debounce time.
7
7
MODE
I
Mode select, connecting to V
CC
- output always on, connection GND - output always off,
open - auto detection
8
8
V
CC
Power
Power supply
9
9
V
EE
O
Internal voltage regulator output, 3.6V with respect to ground. Connected to the drain of
PIR sensor
10
10
RST
I
Chip reset input, active low, kept floating or connected an RC network
11
11
OP1P
I
Non-inverted input of first operational amplifier, connected directly to source of PIR sensor
12
12
OP1N
I
Inverted input of first operational amplifier
13
13
OP1O
O
Output of first operational amplifier
14
14
OP2P
I
Non-inverted input of second operational amplifier.
15
15
OP2N
I
Inverted input of second operational amplifier
16
16
OP2O
O
Output of second operational amplifier
PT8A261P/PT8A261W
GND
TRIAC
1
OSCD
OSCS
ZC
MODE
V
CC
OP2O
OP2N
OP2P
OP1O
OP1N
OP1P
RST
V
EE
CDS
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top view
PT8A262P/PT8A262W
GND
RELAY
1
OSCD
OSCS
ZC
MODE
V
CC
OP2O
OP2N
OP2P
OP1O
OP1N
OP1P
RST
V
EE
CDS
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top view


Similar Part No. - PT8A2612W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611 PERICOM-PT8A2611 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611DE PERICOM-PT8A2611DE Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611P PERICOM-PT8A2611P Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611W PERICOM-PT8A2611W Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
More results

Similar Description - PT8A2612W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2641 PERICOM-PT8A2641 Datasheet
413Kb / 13P
   PIR Sensor Light Switch
logo
ELMOS Semiconductor AG
E931.98 ELMOS-E931.98 Datasheet
207Kb / 2P
   PIR CONTROLLER IC FOR LOAD SWITCH
logo
List of Unclassifed Man...
M2000C ETC1-M2000C Datasheet
202Kb / 5P
   PIR Light Controller for 3-Wire Applications
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com