Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS720KLATR-15AB-T Datasheet(PDF) 34 Page - Allegro MicroSystems

Part # ACS720KLATR-15AB-T
Description  High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS720KLATR-15AB-T Datasheet(HTML) 34 Page - Allegro MicroSystems

Back Button ACS720KLATR-15AB-T Datasheet HTML 27Page - Allegro MicroSystems ACS720KLATR-15AB-T Datasheet HTML 28Page - Allegro MicroSystems ACS720KLATR-15AB-T Datasheet HTML 29Page - Allegro MicroSystems ACS720KLATR-15AB-T Datasheet HTML 30Page - Allegro MicroSystems ACS720KLATR-15AB-T Datasheet HTML 31Page - Allegro MicroSystems ACS720KLATR-15AB-T Datasheet HTML 32Page - Allegro MicroSystems ACS720KLATR-15AB-T Datasheet HTML 33Page - Allegro MicroSystems ACS720KLATR-15AB-T Datasheet HTML 34Page - Allegro MicroSystems ACS720KLATR-15AB-T Datasheet HTML 35Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
High Accuracy, Dual Fault, Galvanically Isolated
Current Sensor in SOIC16 Wide-Body Package
ACS720
34
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 17: Package LA, 16-pin SOICW
C
SEATING
PLANE
1.27 BSC
GAUGE PLANE
SEATING PLANE
A Terminal #1 mark area
B
Reference land pattern layout (reference IPC7351
SOIC127P600X175-8M); all pads a minimum of 0.20 mm from all
adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances
PCB Layout Reference View
B
C
C
2
1
16
Branding scale and appearance at supplier discretion
C
SEATING
PLANE
C
0.10
16X
0.25 BSC
1.40 REF
2.65 MAX
For Reference Only; not for tooling use (reference MS-013AA)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
10.30 ±0.20
7.50 ±0.10
10.30 ±0.33
0.51
0.31
0.30
0.10
0.33
0.20
1.27
0.40
Lines 1, 2 = Max 11 characters per line
Line 1: Part Number
Line 2: First 9 characters of Assembly Lot Number
XXXXXXXXXXX
1
Lot Number
A
Standard Branding Reference View
2
1
16
0.65
1.27
9.50
2.25
0.69
D
Hall elements (D1, D2); not to scale
D
D
D
D1
D
D2
3.30
Branded Face


Similar Part No. - ACS720KLATR-15AB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-10AB-T ALLEGRO-ACS722KMATR-10AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-20AB-T ALLEGRO-ACS722KMATR-20AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-40AB-T ALLEGRO-ACS722KMATR-40AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
More results

Similar Description - ACS720KLATR-15AB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS724LMA ALLEGRO-ACS724LMA Datasheet
762Kb / 23P
   Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com