Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS720 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ACS720
Description  High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS720 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ACS720 Datasheet HTML 10Page - Allegro MicroSystems ACS720 Datasheet HTML 11Page - Allegro MicroSystems ACS720 Datasheet HTML 12Page - Allegro MicroSystems ACS720 Datasheet HTML 13Page - Allegro MicroSystems ACS720 Datasheet HTML 14Page - Allegro MicroSystems ACS720 Datasheet HTML 15Page - Allegro MicroSystems ACS720 Datasheet HTML 16Page - Allegro MicroSystems ACS720 Datasheet HTML 17Page - Allegro MicroSystems ACS720 Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
High Accuracy, Dual Fault, Galvanically Isolated
Current Sensor in SOIC16 Wide-Body Package
ACS720
14
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
x80AB-4 PERFORMANCE CHARACTERISTICS
: Valid at TA = – 40°C to 125°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
NOMINAL PERFORMANCE
Optimized Accuracy Range
IPR
–80
80
A
Sensitivity
Sens
16
mV/A
Zero-Current Output Voltage
VIOUT(Q)
IP = 0 A
1.5
V
Fast Fault Trip Level
IFF(HIGH)
VOC_F = 0.7 × VCC
180
A
IFF(LOW)
VOC_F = 0.38 × VCC
100
A
Slow Fault Trip Level
ISF(HIGH)
VOC_S = 0.7 × VCC
100
A
ISF(LOW)
VOC_S = 0.3 × VCC
40
A
TOTAL OUTPUT ERROR COMPONENTS [2] ETOT(IP) = {[VIOUT_ideal(IP) – VIOUT(IP)] / [Sensideal(IP) × IP]} × 100 (%)
Total Output Error[3]
ETOT
IP = IPR(max), TA = 25°C to 125°C
–1.5
±0.6
1.5
%
IP = IPR(max), TA = –40°C to 25°C
–4
±1.5
4
%
Sensitivity Error
ESENS
IP = IPR(max), TA = 25°C to 125°C
–1.5
±0.5
1.5
%
IP = IPR(max), TA = –40°C to 25°C
–4
±1.5
4
%
Offset Voltage
VOE
IP = 0 A, TA = 25°C to 125°C
–10
±3.5
10
mV
IP = 0 A, TA = –40°C to 25°C
–30
±9
30
mV
OVERCURRENT FAULT PERFORMANCE
Fast Fault Error
EFF(HIGH)+
VOC_F = 0.7 × VCC, Positive IP, TA = 25°C
–10
±5
10
%
VOC_F = 0.7 × VCC, Positive IP, TA = 25°C to 125°C
–10
±5
10
%
VOC_F = 0.7 × VCC, Positive IP, TA = –40°C to 25°C
±15
%
EFF(HIGH)–
VOC_F = 0.7 × VCC, Negative IP, TA = 25°C
–10
±5
10
%
VOC_F = 0.7 × VCC, Negative IP, TA = 25°C to 125°C
–10
±5
10
%
VOC_F = 0.7 × VCC, Negative IP, TA = –40°C to 25°C
±15
%
EFF(LOW)+
VOC_F = 0.38 × VCC, Positive IP, TA = 25°C
–20
±15
20
%
VOC_F = 0.38 × VCC, Positive IP, TA = 25°C to 125°C
–20
±15
20
%
VOC_F = 0.38 × VCC, Positive IP, TA = –40°C to 25°C
±25
%
EFF(LOW)-
VOC_F = 0.38 × VCC, Negative IP, TA = 25°C
–20
±15
20
%
VOC_F = 0.38 × VCC, Negative IP, TA = 25°C to 125°C
–20
±15
20
%
VOC_F = 0.38 × VCC, Negative IP, TA = –40°C to 25°C
±30
%
Slow Fault Error
ESF(HIGH)
VOC_S = 0.7 × VCC, IP rising
–8
±4
8
%
ESF(LOW)
VOC_S = 0.3 × VCC, IP rising
–10
±5
10
%
Fast Fault Delay Code
4
Fast Fault Mask Time
tm(ff)
1.5
µs
Slow Fault Delay Code
4
FAULT CHARACTERISTICS
Fast Fault Response Time
tR(FF)
Time from IP rising above IFF until
VFAULT_F < VFAULTL for a current step from 0 to
1.2 × IFAULT(FAST); RPU = 10 kΩ,
100 pF from FAULT_F to ground
3.5
μs
Slow Fault Response Time
tR(SF)
Time from IP rising above ISF until
VFAULT_S < VFAULTL for a current step from 0 to
1.2 × IFAULT(SLOW); RPU = 10 kΩ, 100 pF from FAULT_S to ground
13
μs
[1]
Typical values with +/- are 3 sigma values.
[2]
A single part will not have both the maximum/minimum sensitivity error and maximum/minimum offset voltage, as that would violate the maximum/minimum total output
error specification. Also, 3 sigma distribution values are combined by taking the square root of the sum of the squares.
[3]
Percentage of IP, with IP = IPR(max).


Similar Part No. - ACS720

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-10AB-T ALLEGRO-ACS722KMATR-10AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-20AB-T ALLEGRO-ACS722KMATR-20AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-40AB-T ALLEGRO-ACS722KMATR-40AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
More results

Similar Description - ACS720

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS724LMA ALLEGRO-ACS724LMA Datasheet
762Kb / 23P
   Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com