Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7225QP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7225QP
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7225QP Datasheet(HTML) 1 Page - Texas Instruments

  TPS7225QP Datasheet HTML 1Page - Texas Instruments TPS7225QP Datasheet HTML 2Page - Texas Instruments TPS7225QP Datasheet HTML 3Page - Texas Instruments TPS7225QP Datasheet HTML 4Page - Texas Instruments TPS7225QP Datasheet HTML 5Page - Texas Instruments TPS7225QP Datasheet HTML 6Page - Texas Instruments TPS7225QP Datasheet HTML 7Page - Texas Instruments TPS7225QP Datasheet HTML 8Page - Texas Instruments TPS7225QP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Available in 5-V, 4.85-V, 3.3-V, 3.0-V, and
2.5-V Fixed-Output and Adjustable Versions
D Dropout Voltage <85 mV Max at
IO = 100 mA (TPS7250)
D Low Quiescent Current, Independent of
Load, 180
µA Typ
D 8-Pin SOIC and 8-Pin TSSOP Package
D Output Regulated to ±2% Over Full
Operating Range for Fixed-Output Versions
D Extremely Low Sleep-State Current,
0.5
µA Max
D Power-Good (PG) Status Output
description
The TPS72xx family of low-dropout (LDO) voltage
regulators offers the benefits of low-dropout
voltage, micropower operation, and miniaturized
packaging. These regulators feature extremely
low dropout voltages and quiescent currents
compared
to
conventional
LDO
regulators.
Offered in small-outline integrated-circuit (SOIC)
packages and 8-terminal thin shrink small-outline
(TSSOP), the TPS72xx series devices are ideal
for cost-sensitive designs and for designs where
board space is at a premium.
A combination of new circuit design and process
innovation has enabled the usual pnp pass
transistor to be replaced by a PMOS device.
Because the PMOS pass element behaves as a
low-value resistor, the dropout voltage is very low
– maximum of 85 mV at 100 mA of load current
(TPS7250) – and is directly proportional to the
load current (see Figure 1). Since the PMOS pass
element is a voltage-driven device, the quiescent current is very low (300
µA maximum) and is stable over the
entire range of output load current (0 mA to 250 mA). Intended for use in portable systems such as laptops and
cellular phones, the low-dropout voltage and micropower operation result in a significant increase in system
battery operating life.
The TPS72xx also features a logic-enabled sleep mode to shut down the regulator, reducing quiescent current
to 0.5
µA maximum at TJ = 25°C. Other features include a power-good function that reports low output voltage
and may be used to implement a power-on reset or a low-battery indicator.
The TPS72xx is offered in 2.5-V, 3-V, 3.3-V, 4.85-V, and 5-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.2 V to 9.75 V). Output voltage tolerance is specified as a maximum of 2%
over line, load, and temperature ranges (3% for adjustable version).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
SENSE/FB
RESET/PG
GND
EN
OUT
OUT
IN
IN
D, P, OR PW PACKAGE
(TOP VIEW)
† SENSE – Fixed voltage options only
(TPS7225, TPS7230, TPS7233, TPS7248,
and TPS7250)
‡ FB – Adjustable version only (TPS7201)
Figure 1. Typical Dropout Voltage Versus
Output Current
200
0
0
50
100
150
400
200
250
100
300
IO – Output Current – mA
TPS7233
TPS7248
TPS7250
TA = 25°C
TPS7230
TPS7225
500
600


Similar Part No. - TPS7225QP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7225QP TI-TPS7225QP Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7225QP TI-TPS7225QP Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7225QP TI1-TPS7225QP Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7225QPE4 TI-TPS7225QPE4 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7225QPWR TI-TPS7225QPWR Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
More results

Similar Description - TPS7225QP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com