Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1623XFBE Datasheet(PDF) 6 Page - Mitsumi Electronics, Corp.

Part # MM1623XFBE
Description  Video Signal Driver for DVD Player MM1623XFBE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1623XFBE Datasheet(HTML) 6 Page - Mitsumi Electronics, Corp.

Back Button MM1623XFBE Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1623XFBE Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1623XFBE Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1623XFBE Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1623XFBE Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1623XFBE Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1623XFBE Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1623XFBE Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1623XFBE Datasheet HTML 10Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MITSUMI
Video Signal Driver for DVD Player MM1623XFBE
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-65~+150
°C
Operating temperature
TOPR
-40~+85
°C
Supply Voltage
VCC max.
7
V
Allowable loss *
Pd
1.4
W
Electrical Characteristics (Except where noted otherwise, Ta=25°C,VCC=5V)
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Supply current 1
ICC1
No signal
77
110
143
mA
Supply current 2
ICC2
No signal, Mute1: ON
39
56
73
mA
Supply current 3
ICC3
No signal, Mute2: ON
39
56
73
mA
Supply current 4
ICC4
No signal, Mute1 and Mute2: ON
1
3
5
mA
Croma input
VCIN
2 PIN
1.9
2.4
2.9
V
Composite video input
VCVBSIN
4 PIN
0.9
1.1
1.3
V
Luminance input
VYIN, CYIN
6, 10 PIN
0.9
1.1
1.3
V
Component input
VCbIN, CrIN
12, 14 PIN
1.9
2.4
2.9
V
Croma output
VCOUT
26 PIN
2.4
V
Composite video output
VCVBSOUT
23 PIN
1.1
V
Luminance output
VYOUT, CYOUT
21, 20 PIN
1.1
V
Component output
VCbOUT, CrOUT
18, 16 PIN
2.4
V
Control terminal
H
IIHm (*1)
3, 5, 9, 11, 13, 24, 25 PIN VH=4.5V
350
µA
input current
L
IILm (*1)
3, 5, 9, 11, 13, 24, 25 PIN VL=0.4V
35
µA
Control terminal
H
VthHm (*1)
2.1
V
input voltage
L
VthLm (*1)
0.7
V
S-DC out terminal
L
VDCOUTL
RL=10k
Ω+100kΩ
0.1
0.5
V
output voltage
M
VDCOUTM
RL=10k
Ω+100kΩ
1.6
2.1
2.4
V
H
VDCOUTH
RL=10k
Ω+100kΩ
4.3
4.6
V
Input impedance
ZCIN, CbIN, CrIN
2, 12, 14 PIN
100
150
200
k
Output impedance
ZS-DCOUT
27 PIN
200
Voltage gain
G1n (*2)
SIN wave: 1V, f=100kHz
5.7
6.0
6.3
dB
*
Board mounting power dissipation. Board size 100
100
1.6mm
Recommended Operating Conditions
Item
Symbol
Ratings
Units
Operating temperature
TOPR
-40~+85
°C
Operating voltage
VCCOP
4.5~5.5
V


Similar Part No. - MM1623XFBE

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1624 MITSUMI-MM1624 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
More results

Similar Description - MM1623XFBE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
LA7138M SANYO-LA7138M Datasheet
325Kb / 13P
   Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
logo
Rohm
BH7649KS2 ROHM-BH7649KS2 Datasheet
668Kb / 13P
   Video節쩇udio Signal Switchers for Car Navigation Car DVD Player
logo
Mitsumi Electronics, Co...
MM1567 MITSUMI-MM1567 Datasheet
132Kb / 13P
   Video Signal Driver for DVD Players Monolithic IC
MM1566 MITSUMI-MM1566 Datasheet
124Kb / 15P
   Video Signal Driver for DVD Players Monolithic IC
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com