Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21814SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR21814SPBF
Description  HIGH AND LOW SIDE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21814SPBF Datasheet(HTML) 1 Page - International Rectifier

  IR21814SPBF Datasheet HTML 1Page - International Rectifier IR21814SPBF Datasheet HTML 2Page - International Rectifier IR21814SPBF Datasheet HTML 3Page - International Rectifier IR21814SPBF Datasheet HTML 4Page - International Rectifier IR21814SPBF Datasheet HTML 5Page - International Rectifier IR21814SPBF Datasheet HTML 6Page - International Rectifier IR21814SPBF Datasheet HTML 7Page - International Rectifier IR21814SPBF Datasheet HTML 8Page - International Rectifier IR21814SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Typical Connection
Features
Floating channel designed for bootstrap operation
Fully operational to +1200V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 12 to 20V
Undervoltage lockout for both channels
3.3V logic compatible
Separate logic supply range from 3.3V to 20V
Logic and power ground ±5V offset
CMOS Schmitt-triggered inputs with pull-down
Cycle by cycle edge-triggered shutdown logic
Matched propagation delay for both channels
Outputs in phase with inputs
Also available LEAD-FREE (PbF)
Description
The IR2213(S) is a high voltage, high speed power
MOSFET and IGBT driver with independent high and
low side referenced output channels. Proprietary
HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. Logic inputs are
compatible with standard CMOS or LSTTL outputs,
down to 3.3V logic. The output drivers feature a high
Packages
IR2213(S) & (PbF)
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET
1200V max.
IO+/-
1.7A / 2A
VOUT
12 - 20V
ton/off (typ.)
280 & 225 ns
Delay Matching
30 ns
16-Lead SOIC
(wide body)
14-Lead PDIP
Preliminary Data Sheet No. PD60030 rev.O
pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched
to simplify use in high frequency applications. The floating channel can be used to drive an N-channel power
MOSFET or IGBT in the high side configuration which operates up to 1200 volts.
HIN
up to 1200V
TO
LOAD
V
DD
V
B
V
S
HO
LO
COM
HIN
LIN
V
SS
SD
V
CC
LIN
V
DD
SD
V
SS
V
CC
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical
connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.


Similar Part No. - IR21814SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21814SPBF IRF-IR21814SPBF Datasheet
364Kb / 21P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR21814SPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com