Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-216TS5 Datasheet(PDF) 11 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LTW-216TS5
Description  Meet ROHS, Green Product.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTW-216TS5 Datasheet(HTML) 11 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button LTW-216TS5 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-216TS5 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-216TS5 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-216TS5 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-216TS5 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-216TS5 Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-216TS5 Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-216TS5 Datasheet HTML 12Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-216TS5 Datasheet HTML 13Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTW-216TS5
Page :
11
of
13
BNS-OD-C131/A4
5. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected
in parallel in an application, it is recommended that a current limiting resistor be incorporated in the
drive circuit, in series with each LED as shown in Circuit A below.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs.
6. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LED’s
plastic lens as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward
voltage,
or “ no lightup ” at low currents.
To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents.
The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP
product.


Similar Part No. - LTW-216TS5

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-216TS5 LITEON-LTW-216TS5 Datasheet
861Kb / 12P
   Property of Lite-On Only
LTW-216TS5 LITEON-LTW-216TS5 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
LTW-216TS5-GA LITEON-LTW-216TS5-GA Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
LTW-216TS5-PE LITEON-LTW-216TS5-PE Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
LTW-216TS5 LITEON-LTW-216TS5_14 Datasheet
935Kb / 13P
   Property of Lite-On Only
More results

Similar Description - LTW-216TS5

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
   Meet RoHS/Meet RoHS, Green Product
logo
HK TO-GRACE TECHNOLOGY ...
LTST-C170KRKT TO-GRACE-LTST-C170KRKT Datasheet
924Kb / 11P
   Meet ROHS, Green Product.
LTST-C193KGKT-5A TO-GRACE-LTST-C193KGKT-5A Datasheet
746Kb / 11P
   Meet ROHS, Green Product.
LTST-E680UGKT TO-GRACE-LTST-E680UGKT Datasheet
708Kb / 11P
   Meet ROHS, Green Product.
LTST-E680VRKT TO-GRACE-LTST-E680VRKT Datasheet
712Kb / 11P
   Meet ROHS, Green Product.
LTW-230ZDS5 TO-GRACE-LTW-230ZDS5 Datasheet
893Kb / 11P
   Meet RoHS, Green Product.
LTW-C230DS2 TO-GRACE-LTW-C230DS2 Datasheet
834Kb / 11P
   Meet RoHS, Green Product.
LTW-C231DS TO-GRACE-LTW-C231DS Datasheet
765Kb / 11P
   Meet RoHS, Green Product.
LTW-C281DS5 TO-GRACE-LTW-C281DS5 Datasheet
738Kb / 11P
   Meet RoHS, Green Product.
LTST-C295KGKRKT TO-GRACE-LTST-C295KGKRKT Datasheet
661Kb / 12P
   Meet ROHS, Green Product.
LTST-020TGKT TO-GRACE-LTST-020TGKT Datasheet
866Kb / 11P
   Meet ROHS, Green Product.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com