Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-21TS5 Datasheet(PDF) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LTW-21TS5
Description  Reverse mount Chip LED.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTW-21TS5 Datasheet(HTML) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button LTW-21TS5 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-21TS5 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-21TS5 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-21TS5 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-21TS5 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-21TS5 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-21TS5 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-21TS5 Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTW-21TS5 Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Package Dimensions of Reel
Notes:
1. Empty component pockets sealed with top cover tape.
2. 7 inch reel-3000 pieces per reel.
3. Minimum packing quantity is 500 pcs for remainders.
4. The maximum number of consecutive missing lamps is two.
5. In accordance with ANSI/EIA 481-1-A-1994 specifications.
Part
No. : LTW-21TS5
Page :
7
of
12
BNS-OD-C131/A4


Similar Part No. - LTW-21TS5

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-21TS5 LITEON-LTW-21TS5 Datasheet
735Kb / 12P
   Property of Lite-On Only
LTW-21TS5 LITEON-LTW-21TS5 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
LTW-21TS5-DL LITEON-LTW-21TS5-DL Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
LTW-21TS5 LITEON-LTW-21TS5_14 Datasheet
917Kb / 12P
   Property of Lite-On Only
More results

Similar Description - LTW-21TS5

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C230CKT LITEON-LTST-C230CKT Datasheet
356Kb / 6P
   Reverse mount Chip LED
LTST-C230UBKT LITEON-LTST-C230UBKT Datasheet
351Kb / 6P
   Reverse mount Chip LED
LTST-C230GKT LITEON-LTST-C230GKT Datasheet
343Kb / 6P
   Reverse mount Chip LED
LTST-C230YKT LITEON-LTST-C230YKT Datasheet
357Kb / 6P
   Reverse mount Chip LED
LTST-C230AKT LITEON-LTST-C230AKT Datasheet
354Kb / 6P
   Reverse mount Chip LED
LTST-C230CBKT LITEON-LTST-C230CBKT Datasheet
332Kb / 6P
   Reverse mount Chip LED
LTST-C230EKT LITEON-LTST-C230EKT Datasheet
354Kb / 6P
   Reverse mount Chip LED
logo
Rohm
SML-810MT ROHM-SML-810MT Datasheet
76Kb / 3P
   Reverse mount type chip LED
logo
Everlight Electronics C...
23-21B-BHC-AN1P2 EVERLIGHT-23-21B-BHC-AN1P2 Datasheet
157Kb / 10P
   Reverse Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
23-21B-BHC-AN1P2-2A TO-GRACE-23-21B-BHC-AN1P2-2A Datasheet
637Kb / 10P
   Reverse Package Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com