Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNLMH6628-X-RH Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNLMH6628-X-RH
Description  DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLMH6628-X-RH Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MNLMH6628-X-RH Datasheet HTML 1Page - National Semiconductor (TI) MNLMH6628-X-RH Datasheet HTML 2Page - National Semiconductor (TI) MNLMH6628-X-RH Datasheet HTML 3Page - National Semiconductor (TI) MNLMH6628-X-RH Datasheet HTML 4Page - National Semiconductor (TI) MNLMH6628-X-RH Datasheet HTML 5Page - National Semiconductor (TI) MNLMH6628-X-RH Datasheet HTML 6Page - National Semiconductor (TI) MNLMH6628-X-RH Datasheet HTML 7Page - National Semiconductor (TI) MNLMH6628-X-RH Datasheet HTML 8Page - National Semiconductor (TI) MNLMH6628-X-RH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MNLMH6628-X-RH REV 0A0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: Static and DC Tests
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = +5V dc, Av = +2, Rl = 100 Ohms, Rf = 100 Ohms, -55 C < Ta < +125 C
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Ib
Input Bias
Current
3
-10
+10
uA
1
-20
+20
uA
2
-20
+20
uA
3
Vio
Input Offset
Voltage
3
-2+2mV
1
-2.6
+2.6
mV
2, 3
Icc
Supply Current
Rl = infinity
3
24
mA
1
24
mA
2
25
mA
3
PSRR
Power Supply
Rejection Ration
+Vs = +4.0V to +5.0v, -Vs = -4.0V to
-5.0V
60
dB
1
55
dB
2, 3
Vout
Output Voltage
Range
Rl = Infinity
-5.0
+5.0
V
1, 2,
3
AC PARAMETERS: Frequeuncy Domain Response
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vcc = +5V dc, Av = +2, Rl = 100 Ohms, Rf = 100 Ohms, -55 C < Ta < +125 C
SSBW
Small Signal
Bandwith
-3 dB bandwidth, Vout < 0.5 Vpp
2
50
MHz
4
GFP
Gain Flatness
Peaking
0.1 MHz to 200 MHz, Vout <0.5 Vpp
2
0.6
dB
4
GFR
Gain Flatness
Rolloff
0.1 MHz to 20 MHz, Vout <0.5 Vpp
2
0.6
dB
4
Aol
Open Loop Gain
2
55
dB
4
AC PARAMETERS: Distortion and Noise Tests.
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vcc = +5V dc, Av = +2, Rl = 100 Ohms, Rf = 100 Ohms, -55 C < Ta < +125 C
HD2
Second Harmonic
Distortion
1 Vpp at 10 MHz
2
50
dBc
4
HD3
Third Harmonic
Distortion
1 Vpp at 10 MHz
2
60
dBc
4
5


Similar Part No. - MNLMH6628-X-RH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
More results

Similar Description - MNLMH6628-X-RH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM136A NSC-MNLM136A Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
LM136AH NSC-LM136AH Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RADSi TESTED TO MIL-STD-883, METHOD 1019.5
MNDS26F32M-X-RH NSC-MNDS26F32M-X-RH Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
   Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com