Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100002353 Datasheet(PDF) 1 Page - MKS Instruments.

Part No. 100002353
Description  DIGITAL COMBINATION VACUUM GAUGE SYSTEM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100002353 Datasheet(HTML) 1 Page - MKS Instruments.

  100002353 Datasheet HTML 1Page - MKS Instruments. 100002353 Datasheet HTML 2Page - MKS Instruments. 100002353 Datasheet HTML 3Page - MKS Instruments. 100002353 Datasheet HTML 4Page - MKS Instruments. 100002353 Datasheet HTML 5Page - MKS Instruments. 100002353 Datasheet HTML 6Page - MKS Instruments. 100002353 Datasheet HTML 7Page - MKS Instruments. 100002353 Datasheet HTML 8Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Series 937B
DIGITAL COMBINATION VACUUM GAUGE SYSTEM
The Series 937B combination vacuum gauge system is part of the MKS family of vacuum
gauges. It is the third generation of the very successful 937 Series. The 937B will operate
and display as many as six sensors simultaneously, and each controller can be configured
to the user’s gauging requirements. This highly flexible product enables a wide range of
gauging technologies, tailoring the system to each individual application. The Series 937B
combines the sensor technologies of the cold cathode, hot cathode, standard Pirani,
convection Pirani, MKS Baratron® capacitance manometer and absolute Piezo sensors to
measure from ultra-high vacuum to above atmospheric pressure.
Features & Benefits
• Providessimultaneousreadoutfora
combination of up to six vacuum gauges
• Widemeasurementrangeof10-11 to
20,000 Torr
• Intuitivemenuforeaseofsetup
• Largeeasytoreadbacklitdisplay
• User-configurableforunitsofpressurein
Torr, millibar, Pascal, or microns
• Operateshotandcoldcathodes,
Baratron capacitance manometers, Piezo
and Pirani sensors for maximum flexibility
• ConfigurableforuptosixheatedMKS
Baratron capacitance manometers
• Twelveindependentrelaysetpointsfor
improved process control with variable
hysteresis
• Fastresponsecoldcathodecard
protects vacuum system in the event of a
sudden pressure rise
• ComputerInterface:RS232,RS485(built
in) and Profibus DPV1 (optional)
• Independent,buffered,combinedand
standard analog outputs for each channel
• Gas-typesensitivityallowssensorstobe
used for rough leak detection
• Leaktestfunctionwithbargraphdisplay
and audio alarm
• Fieldupgradeable
• Modulardesign


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn