Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT470 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. MKT470
Description  Metallizd Polyester Film Capacitors MKT Radial Potted Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT470 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28112
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 07-Jul-05
133
MKT 470
Metallized Polyester Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
URdc = 250 V; URac = 160 V
URdc = 400 V; URac = 200 V
C
(
µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 470 ... AND PACKAGING
AMMOPACK
REEL
LOOSE IN BOX
H
= 18.5 mm
short leads
long leads
C-tol
=±10%
C-tol
=±5%
last 5 digits of
catalog number
last 5 digits of
catalog number
SPQ
SPQ
SPQ
SPQ
Pitch
= 5.0 ±0.3 mm; d
t = 0.50 ±0.05 mm
0.01
2.5
× 6.5 × 7.2
0.25
35103
36103
2000
2000
2000
1000
0.012
35123
36123
0.015
35153
36153
0.018
35183
36183
0.022
3.5
× 8.0 × 7.2
0.35
35223
36223
1500
1500
2000
1000
0.027
35273
36273
0.033
35333
36333
0.039
35393
36393
0.047
4.5
× 9.0 × 7.2
0.45
35473
36473
1000
1000
2000
1000
0.056
35563
36563
0.068
35683
36683
0.082
6.0
× 11.0 × 7.2
0.60
35823
36823
750
1000
2000
1000
0.1
35104
36104
0.12
35124
36124
C
(
ΜF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 470 ... AND PACKAGING
AMMOPACK
REEL
LOOSE IN BOX
H
= 18.5 mm
short leads
long leads
C-tol
=±10%
C-tol
=±5%
last 5 digits of
catalog number
last 5 digits of
catalog number
SPQ
SPQ
SPQ
SPQ
Pitch
= 5.0 ±0.3 mm; d
t = 0.50 ±0.05 mm
0.001
2.5
× 6.5 × 7.2
0.25
65102
66102
2000
2000
2000
1000
0.0012
65122
66122
0.0015
65152
66152
0.0018
65182
66182
0.0022
65222
66222
0.0027
65272
66272
0.0033
65332
66332
0.0039
65392
66392
0.0047
65472
66472
0.0056
65562
66562
0.0068
65682
66682
0.0082
65822
66822
0.01
3.5
× 8.0 × 7.2
0.35
65103
66103
1500
1500
2000
1000
0.012
65123
66123
0.015
65153
66153
0.018
4.5
× 9.0 × 7.2
0.45
65183
66183
1000
1000
2000
1000
0.022
65223
66223
0.027
65273
66273
0.033
6.0
× 11.0 × 7.2
0.60
65333
66333
750
1000
2000
1000
0.039
65393
66393
0.047
65473
66473


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn