Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT470 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKT470
Description  Metallizd Polyester Film Capacitors MKT Radial Potted Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT470 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28112
132
Revision: 07-Jul-05
MKT 470
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Potted Type
URdc = 63 V; URac = 40 V
URdc = 100 V; URac = 63 V
C
(
µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 470 ... AND PACKAGING
AMMOPACK
REEL
LOOSE IN BOX
H
= 18.5 mm
short leads
long leads
C-tol
=±10%
C-tol
=±5%
last 5 digits of
catalog number
last 5 digits of
catalog number
SPQ
SPQ
SPQ
SPQ
Pitch
= 5.0 ±0.3 mm; d
t = 0.50 ±0.05 mm
0.068
2.5
× 6.5 × 7.2
0.25
75683
76683
2000
2000
2000
1000
0.082
75823
76823
0.1
75104
76104
0.12
3.5
× 8.0 × 7.2
0.35
75124
76124
1500
1500
2000
1000
0.15
75154
76154
0.18
75184
76184
0.22
75224
76224
0.27
75274
76274
0.33
75334
76334
0.39
75394
76394
0.47
4.5
× 9.0 × 7.2
0.45
75474
76474
1000
1000
2000
1000
0.56
75564
76564
0.68
75684
76684
0.82
6.0
× 11.0 × 7.2
0.60
75824
76824
750
1000
2000
1000
1
75105
76105
1.2
75125
76125
C
(
µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 470 ... AND PACKAGING
AMMOPACK
REEL
LOOSE IN BOX
H
= 18.5 mm
short leads
long leads
C-tol
=±10%
C-tol
=±5%
last 5 digits of
catalog number
last 5 digits of
catalog number
SPQ
SPQ
SPQ
SPQ
Pitch
= 5.0 ±0.3 mm; d
t = 0.50 ±0.05 mm
0.022
2.5
× 6.5 × 7.2
0.25
85223
86223
2000
2000
2000
1000
0.027
85273
86273
0.033
85333
86333
0.039
85393
86393
0.047
85473
86473
0.056
85563
86563
0.068
3.5
× 8.0 × 7.2
0.35
85683
86683
1500
1500
2000
1000
0.082
85823
86823
0.1
85104
86104
0.12
85124
86124
0.15
4.5
× 9.0 × 7.2
0.45
85154
86154
1000
1000
2000
1000
0.18
85184
86184
0.22
85224
86224
0.27
6.0
× 11.0 × 7.2
0.65
85274
86274
750
1000
2000
1000
0.33
85334
86334
0.39
85394
86394
0.47
85474
86474


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn