Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT470 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. MKT470
Description  Metallizd Polyester Film Capacitors MKT Radial Potted Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT470 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28112
130
Revision: 07-Jul-05
MKT 470
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Potted Type
APPLICATIONS
Blocking, coupling and decoupling. Bypass and energy
reservoir
MARKING
C-value; tolerance; rated voltage; year and week of
manufacturer; manufacturer’s type designation
DIELECTRIC
Polyester film
ELECTRODES
Vacuum deposited aluminum
ENCAPSULATION
Flame retardant plastic case and epoxy resin
(UL-class 94 V-0)
CONSTRUCTION
Wound mono construction
LEADS
Tinned wire
CAPACITANCE TOLERANCE
±10%; ±5%
FEATURES
Pitch 5 mm available loose in box, ammopack
and taped on reel.
Lead (Pb)-free product
RoHS-compliant product
CAPACITANCE RANGE (E12 SERIES)
0.001 to 1.2
µF
RATED (DC) VOLTAGE
63 V; 100 V; 250 V; 400 V
RATED (AC) VOLTAGE
40 V; 63 V; 160 V; 200 V
CLIMATIC CATEGORY
55/125/56
RATED TEMPERATURE
85
°C
MAXIMUM APPLICATION TEMPERATURE
125
°C
REFERENCE SPECIFICATIONS
IEC 60384-2
PERFORMANCE GRADE
Grade 1 (long life)
DETAIL SPECIFICATION
For more detailed data and test requirements see “Type
detail specification HQN-384-02/104”
l
168x12(halfpage)
w
h
lt
Ødt
P
±0.3
Dimensions in mm
e3
RoHS
COMPLIANT


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn