Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT470 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKT470
Description  Metallizd Polyester Film Capacitors MKT Radial Potted Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT470 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28112
134
Revision: 07-Jul-05
MKT 470
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Potted Type
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
Tamb
≤ 85 °C, 63 VDC
10
2
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
85
°C < Tamb ≤ 125 °C, 63 VDC
10
2
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
Tamb
≤ 85 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
85
°C < Tamb ≤ 125 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
Tamb
≤ 85 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
22
nF
100
nF
47
nF
10
nF
10
2
85
°C < Tamb ≤ 125 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
22
nF
100
nF
47
nF
10
nF
10
2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn