Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3519MKX-20 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3519MKX-20
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3519MKX-20 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3519MKX-20 Datasheet HTML 4Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 5Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 6Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 7Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 8Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 9Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 10Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 11Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics (See Typical Application Circuit : V
IN = 3.6V, CIN = 4.7µF and
COUT = 1µF, L = 2.2µH and 4 LEDs. TA = +25˚C, unless otherwise stated.) (Continued)
I
OUT vs PWM Duty Cycle
(V
IN = 3.6V, L = 1µH)
Switching Frequency vs V
IN
20160244
20160207
Switching Frequency vs V
IN
Switching Frequency vs V
IN
20160209
20160245
Switching Frequency vs V
IN
Peak Inductor Current vs V
IN
20160246
20160204
www.national.com
8


Similar Part No. - LM3519MKX-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3519MK-20/NOPB TI1-LM3519MK-20/NOPB Datasheet
3Mb / 20P
[Old version datasheet]   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
More results

Similar Description - LM3519MKX-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3519 TI1-LM3519 Datasheet
3Mb / 20P
[Old version datasheet]   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com