Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3519MKX-20 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3519MKX-20
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3519MKX-20 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3519MKX-20 Datasheet HTML 1Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 2Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 3Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 4Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 5Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 6Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 7Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 8Page - National Semiconductor (TI) LM3519MKX-20 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN , En, & LED_rtn Pin
−0.3V to +6.5V
V
OUT , Sw Pin
−0.3V to +21V
Maximum Junction Temperature
(T
J-MAX)
+150˚C
Storage Temperature Range
−65˚C to +150˚C
ESD Rating (Note 2)
Human Body Model:
Machine Model:
2kV
200V
Operating Ratings
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
−40˚C to +85˚C
Input Voltage Range
2.7V to 5.5V
Thermal Properties (Note 4)
Junction-to-Ambient Thermal Resistance (
θ
JA)
220˚C/W
Electrical Characteristics (Note 5) Limits in standard typeface are for T
J = +25˚C. Limits in bold typeface
apply over the full operating junction temperature range (−40˚C
≤ T
J
≤ +125˚C). V
IN = 3.6V, unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
Q
Supply Current
Shutdown: V
EN = 0V
0.1
µA
Not Switching: V
EN = 1.8V
360
500
Switching: V
EN = 1.8V,
LED_rtn current = 30mA
550
900
I
LED(TOL)
LED Current
Tolerance/Variation
V
IN = 3.6V, 2.2µH,
4LEDs
–10
5.5
10
%
OVP
Over-Voltage Protection
Threshold
OVP ON
OVP OFF
18
17.8
18.9
18.6
20
19.8
V
I
LIM
Switch Current Limit
L = 2.2µH
750
mA
R
DS(ON)
Power NMOS Switch ON
Resistance
455
m
I
LEAKAGE
Switch Leakage
V
SW = 3.6V, VEN = 0V
0.1
2
µA
R
LED_rtn(ON)
LED_rtn NMOS Switch
ON Resistance
8.0
F
S
Switching Frequency
I
LED =20mA,L=1µH
4LEDs
5.4
MHz
I
EN
Enable Pin Bias Current
(Note 3)
V
EN =0V
V
EN = 1.8V
0.1
1.1
2
µA
En
Enable Threshold
Device On
Device Off
0.9
0.3
V
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics table.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly
into each pin.
Note 3: Current flows into the pin.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. See Thermal Properties for the thermal resistance. The maximum allowable power dissipation at any ambient temperature is
calculated using: PD(MAX) = (TJ(MAX) – TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature.
Note 5: Min and max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
www.national.com
3


Similar Part No. - LM3519MKX-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3519MK-20/NOPB TI1-LM3519MK-20/NOPB Datasheet
3Mb / 20P
[Old version datasheet]   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
More results

Similar Description - LM3519MKX-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3519 TI1-LM3519 Datasheet
3Mb / 20P
[Old version datasheet]   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com