Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXSK30N60BD1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXSK30N60BD1
Description  High Speed IGBT with Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSK30N60BD1 Datasheet(HTML) 3 Page - IXYS Corporation

  IXSK30N60BD1 Datasheet HTML 1Page - IXYS Corporation IXSK30N60BD1 Datasheet HTML 2Page - IXYS Corporation IXSK30N60BD1 Datasheet HTML 3Page - IXYS Corporation IXSK30N60BD1 Datasheet HTML 4Page - IXYS Corporation IXSK30N60BD1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 - 5
© 2000 IXYS All rights reserved
V
CE-Volts
0
5
10
15
20
25
30
35
40
10
100
1000
10000
T
J - Degrees C
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
V
CE - Volts
01
2
3
45
0
20
40
60
80
100
V
GE - Volts
4
6
8
1012
1416
0
20
40
60
80
100
120
140
V
CE - Volts
024
68
10
0
40
80
120
160
200
13V
11V
9V
7V
V
CE = 10V
T
J = 25°C
V
GE = 15V
T
J = 25°C
I
C = 15A
I
C = 30A
I
C = 60A
T
J = 125°C
Crss
f = 1Mhz
7V
5V
V
GE = 15V
T
J = 25°C
V
CE - Volts
02
468
10
0
20
40
60
80
100
120
T
J = 125°C
Ciss
Coss
V
GE = 15V
7V
9V
11V
13V
VGS=15V
9V
11V
13V
Fig.3 Collector-Emitter Voltage
Fig.4 Temperature Dependence
vs. Gate-Emitter Voltage
of Output Saturation Voltage
Fig.5 Input Admittance
Fig.6 Temperature Dependence of
Breakdown and Threshold Voltage
Fig.1 Saturation Characteristics
Fig.2 Output Characterstics
IXSH 30N60BD1 IXSK 30N60BD1 IXST 30N60BD1


Similar Part No. - IXSK30N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSK30N60CD1 IXYS-IXSK30N60CD1 Datasheet
72Kb / 2P
   Short Circuit SOA Capability
More results

Similar Description - IXSK30N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSA10N60B2D1 IXYS-IXSA10N60B2D1 Datasheet
589Kb / 6P
   High Speed IGBT with Diode
IXGH25N100U1 IXYS-IXGH25N100U1 Datasheet
315Kb / 6P
   High speed IGBT with Diode
IXSH30N60B2D1 IXYS-IXSH30N60B2D1 Datasheet
522Kb / 6P
   High Speed IGBT with Diode
IXGH10N100U1 IXYS-IXGH10N100U1 Datasheet
121Kb / 6P
   Low VCE(sat) IGBT with Diode, High speed IGBT with Diode
IXSH20N60U1 IXYS-IXSH20N60U1 Datasheet
112Kb / 6P
   Low VCE(sat) IGBT with Diode, High Speed IGBT with Diode
IXGH15N120BD1 IXYS-IXGH15N120BD1 Datasheet
56Kb / 2P
   Low VCE(sat) IGBT with Diode High Speed IGBT with Diode
IXGH12N100 IXYS-IXGH12N100 Datasheet
151Kb / 5P
   Low VCE(sat) IGBT with Diode High Speed IGBT with Diode
IXGH17N100U1 IXYS-IXGH17N100U1 Datasheet
113Kb / 6P
   Low VCE(sat) IGBT with Diode High speed IGBT with Diode
IXGH10N60U1 IXYS-IXGH10N60U1 Datasheet
110Kb / 6P
   Low VCE(sat) IGBT with Diode, High speed IGBT with Diode Combi Packs
IXGR50N90B2D1 IXYS-IXGR50N90B2D1 Datasheet
222Kb / 6P
   B2-Class High Speed IGBT with Fast Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com