Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SLVE2.8.TC Datasheet(PDF) 1 Page - Semtech Corporation

Part No. SLVE2.8.TC
Description  EPD TVS™ Diodes For ESD and Latch-Up Protection
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SLVE2.8.TC Datasheet(HTML) 1 Page - Semtech Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SLVE2.8 and SLVG2.8
EPD TVS™
™ Diodes For
ESD and Latch-Up Protection
Description
Features
Schematic & Pin Configuration
Schematic & PIN Configuration
Revision 01/28/03
The SLV series of transient voltage suppressors are
designed to protect low voltage, state-of-the-art CMOS
semiconductors from transients caused by electro-
static discharge (ESD), cable discharge events (CDE),
lightning and other induced voltage surges.
The devices are constructed using Semtech’s propri-
etary EPD process technology. The EPD process pro-
vides low standoff voltages with significant reductions
in leakage currents and capacitance over silicon-
avalanche diode processes. The SLVE2.8 and SLVG2.8
are in a SOT-143 package and have a low 2.8V work-
ing voltage. They may be used to protect one line in
differential or common mode. The “flow-thru” design
minimizes trace inductance and reduces voltage
overshoot associated with ESD events.
The SLV is specifically designed to protect low voltage
components such as Ethernet transceivers, laser
diodes, ASICs, and high-speed RAM. The low clamping
voltage of the SLV minimizes the stress on the pro-
tected IC.
The SLV series TVS diodes will exceed the surge re-
quirements of IEC 61000-4-2, Level 4.
Applications
Mechanical Characteristics
ESD and Latch-up Protection
Analog Inputs
WAN/LAN Equipment
Low Voltage ASICs
Desktops, Servers, Notebooks and Handhelds
Portable Instrumentation
Base Stations
Laser Diode Protection
300 Watts peak pulse power (t
p = 8/20μs)
Transient protection for low voltage data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20μs)
Protects one line
Comprehensive pin out for easy board layout
Low capacitance
Low leakage current
Low operating and clamping voltages
Solid-state EPD TVS process technology
JEDEC SOT-143 package
Molding compound flammability rating: UL 94V-0
Marking : Marking code
Packaging : Tape and Reel per EIA 481
SLVE2.8 (Top View)
1
2
3
4
1
2
3
4
SLVG2.8 (Top View)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn