Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SLVE2.8.TC Datasheet(PDF) 7 Page - Semtech Corporation

Part No. SLVE2.8.TC
Description  EPD TVS™ Diodes For ESD and Latch-Up Protection
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SLVE2.8.TC Datasheet(HTML) 7 Page - Semtech Corporation

   
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
© 2003 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SLVE2.8 and SLVG2.8
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Marking Codes
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
l
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
C
T
.
8
.
2
E
V
L
SV
8
.
20
0
0
,
3h
c
n
I
7
C
T
.
8
.
2
G
V
L
SV
8
.
20
0
0
,
3h
c
n
I
7
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
8
.
2
E
V
L
S8
.
2
E
8
.
2
G
V
L
S8
.
2
G
Note: Consult factory for availability of 13” reels
Note: Consult factory for availability of 13” reels
Note: Consult factory for availability of 13” reels
Note: Consult factory for availability of 13” reels
Note: Consult factory for availability of 13” reels


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn