Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE555 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part No. NE555
Description  PRECISION TIMERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

NE555 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button NE555 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
7
APPLICATION INFORMATION
Astable operation
As shown in Figure 12, adding a second resistor, RB, to the circuit of Figure 9 and connecting the trigger input to the threshold
input causes the timer to self-trigger and run as a multivibrator. The capacitor C charges through RA and RB and then discharges
through RB only. Therefore, the duty cycle is controlled by the values of RA and RB.
This astable connection results in capacitor C charging and discharging between the threshold-Voltage level (≈0.67 x Vcc) and the
trigger-voltage level (≈0.33 x Vcc). As in the monostable circuit, charge and discharge times (and, therefore, the frequency and
duty cycle) are independent of the supply voltage.
Pin numbers shown are for the D, JG, P, PS, and PW packages.
Note A: Decoupling CONT voltage to ground with a capacitor
can improve operation. This should be evaluated for individual
applications.
Figure 12. Circuit for Astable Operation
Time – 0.5ms/div
Figure 13.
Typical Astable Waveforms
Astable Operation (Continued)
Figure 13 shows typical waveforms generated during astable operation. The output high-level duration tH and low-level duration tL
can be calculated as follows:
tH=0.693 (RA+RB)C
tL=0.693 (RB)C
Other useful relationships are shown below.
Period = tH+ tL =0.693 (RA + 2RB) C
Frequency ≈ 1.44/ (RA + 2RB) C
Output driver duty cycle = tL / (tH + tL)=RB / (RA + 2RB)
Output waveform duty cycle
=tH /( tH + tL) = 1- RB / (RA + 2RB)
Low – to – high ratio = tL /tH =RB / (RA + RB)
C – Capacitance -µF
Figure 14. Free-Running Frequency


Similar Part No. - NE555

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
Texas Instruments
Texas Instruments
NE555 TI-NE555 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
Wing Shing Computer Components
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
More results

Similar Description - NE555

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
National Semiconductor (TI)
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
Diodes Incorporated
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
National Semiconductor (TI)
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
NEC
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
Texas Instruments
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
Unisonic Technologies
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
Texas Instruments
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NA555 TI-NA555_07 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
Unisonic Technologies
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz