![]() |
Electronic Components Datasheet Search |
|
NE555 Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
NE555 Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
6 / 18 page ![]() NE555,SA555,SE555 PRECISION TIMERS www.artschip.com 6 NORMALIZED OUTPUT PULSE DURATION (MONOSTABLE OPERATION) VS FREE-AIR TEMPERATURE TA-Free-Air Temperature -℃ Figure 7 PROPAGATION DELAY TIME VS LOWEST VOLTAGE LEVEL OF TRIGGER PULSE Lowest Voltage Level of Trigger Pulse Figure 8 | Data for temperatures below 0℃ and above 70℃ are applicable for SE555 series circuits only. APPLICATION INFORMATION Monostable operation For monostable operation, any of these timers can be connected as shown in Figure 9. if the output is low, application of a negative-going pulse to the trigger (TRIG) sets the flip-flop ( goes low), drivers the output high, and turns off Q1, Capacitor C then is charged through RA until the voltage across the capacitor reaches the threshold voltage of the threshold (THRES) input. If TRIG has returned to a high level, the output of the threshold comparator resets the flip-flop ( goes high), drives the output low, and discharges C through Q1. Pin numbers shown are for the D,JG,P,PS, and PW packages. Figure 9. Circuit for Monostable Operation Monostable operation is initiated when TRIG voltage falls below the trigger threshold. Once initiated, the sequence ends only if TRIG is high at the end of the timing interval. Because of the threshold level and saturation voltage of Q1, the output pulse duration is approximately tW=1.1RAC. Figure 11 is a plot of the time constant for various values of RA and C. The threshold levels and charge rates both are directly proportional to the supply voltage, Vcc. The timing interval is , therefore, independent of the supply voltage, so long as the supply voltage is constant during the time interval. Applying a negative-going trigger pulse simultaneously to RESET and reinitiates the cycle, commencing on the positive edge of the reset pulse. The output is held low as long as the reset pulse is low. To prevent false triggering, when RESET is low. To prevent false triggering, when RESET is not used, it should be connected to Vcc. Time-0.1 ms/div Figure 10. Typical Monostable Waveforms C-Capacitance-µF Figure 11. Output Pulse Duration vs Capacitance |
Similar Part No. - NE555 |
|
Similar Description - NE555 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |