Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE555 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part No. NE555
Description  PRECISION TIMERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

NE555 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  NE555 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. NE555 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
4
Operating characteristics, Vcc=5V and 15V
SE555
NE555
SA555
Parameter
Test
Conditions †
MIN
TYP
MAX
MIN
TYP
MAX
Unit
Each timer, monostable§
0.5
1.5*
1
3
Initial error
of timing interval
Each timer, astable¶
TA=25℃
1.5
2.25
%
Each timer, monostable§
30
100*
50
Temperature
coefficient
of timing interval
Each timer, astable¶
TA=Min to Max
90
150
ppm/℃
Each timer, monostable§
0.05
0.2*
0.1
0.5
Supply-voltage sensitivity
of timing interval
Each timer, astable¶
TA=25℃
0.15
0.3
%/V
Output-pulse rise time
CL=15pF
TA=25℃
100
200*
100
300
Ns
Output-pulse fall time
CL=15pF
TA=25℃
100
200*
100
300
ns
*On products compliant to MIL-PRF-38535, this parameter is not production tested.
†For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
Timing interval error is defined as the difference between the measured value and the average value of a random sample from
each process run.
§ Values specified are for a device in a monostable circuit similar to Figure 9, with the following component values: RA=2kΩ to
100kΩ C=0.1µF.
¶ Values specified are for a device in an astable circuit similar to Figure 12. With the following component values: RA=1kΩ to
100KΩ, C=0.1µF.


Similar Part No. - NE555

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
Texas Instruments
Texas Instruments
NE555 TI-NE555 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
Wing Shing Computer Components
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
More results

Similar Description - NE555

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
National Semiconductor (TI)
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
Diodes Incorporated
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
National Semiconductor (TI)
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
NEC
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
Texas Instruments
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
Unisonic Technologies
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
Texas Instruments
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NA555 TI-NA555_07 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
Unisonic Technologies
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz