Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AD Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MC34063AD
Description  SMPS Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MC34063AD Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MC34063AD Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MC34063AD Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MC34063A MC33063A
www.artschip.com
1
MC34063A/MC33063A
SMPS Controller
DC-to-DC Converter
Control Circuits
The MC34063A Series is a monolithic control circuit
containing the primary functions required for DC-to-DC
converters. These devices consist of an internal temperature
compensated reference, comparator, controlled duty cycle
oscillator with an active current limit circuit, driver and high
current output switch. This series was specifically designed
to be incorporated in Step-Down and Step-Up and
Voltage-Inverting applications with a minimum number of
external components. Refer to Application Notes AN920A/D
and AN954/D for additional design information.
Operation from 3.0V to 40V input
Low Standby Current
Current Limiting
Output Switch Current to 1.5A
Output Voltage Adjustable
Frequency Operation to 100kHz
Precision 2% Reference
DC-to-DC CONVERTER CONTROL CIRCUITS
SEMICONDUCTOR TECHNICAL DATA
P, P1 SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO-8)
PIN CONNECTIONS
(Top View)
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
MC33063AD
SO-8
MC33063AP1
TA=-40° to +85°C
Plastic DIP
MC34063AVD
SO-8
MC34603AVP
TA=-40° to +125°C
Plastic DIP
MC34063AD
SO-8
MC34063APS
TA=0° to +70°C
Plastic DIP
Representative Schematic Diagram
This device contains 51 active transistors.


Similar Part No. - MC34063AD

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
MC34063AD ONSEMI-MC34063AD Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
Fairchild Semiconductor
Fairchild Semiconductor
MC34063AD FAIRCHILD-MC34063AD Datasheet
46Kb / 8P
   SMPS Controller
ON Semiconductor
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063AD ONSEMI-MC34063AD Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
More results

Similar Description - MC34063AD

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
ON Semiconductor
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
Fairchild Semiconductor
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com